Electronic Components Datasheet Search
  English  ▼

X  

CPC7595 Datasheet(PDF) 12 Page - IXYS Corporation

Part # CPC7595
Description  Line Card Access Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7595 Datasheet(HTML) 12 Page - IXYS Corporation

Back Button CPC7595 Datasheet HTML 8Page - IXYS Corporation CPC7595 Datasheet HTML 9Page - IXYS Corporation CPC7595 Datasheet HTML 10Page - IXYS Corporation CPC7595 Datasheet HTML 11Page - IXYS Corporation CPC7595 Datasheet HTML 12Page - IXYS Corporation CPC7595 Datasheet HTML 13Page - IXYS Corporation CPC7595 Datasheet HTML 14Page - IXYS Corporation CPC7595 Datasheet HTML 15Page - IXYS Corporation CPC7595 Datasheet HTML 16Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
INTEGRATED CIRCUITS DIVISION
12
www.ixysic.com
R03
CPC7595
1.7 Digital I/O Electrical Specifications
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Input Characteristics
Input voltage, Logic low
Input voltage falling
VIL
0.8
1.1
-
V
Input voltage, Logic high
Input voltage rising
VIH
-1.7
2.0
Input leakage current,
INRINGING, INTESTin,
and INTESTout Logic high
VDD = 5.5 V, VBAT = -75 V, VIH = 2.4V
IIH
-0.1
1
A
Input leakage current,
INRINGING, INTESTin,
and INTESTout Logic low
VDD = 5.5 V, VBAT = -75 V, VIL = 0.4V
IIL
-0.1
1
A
Input leakage current,
LATCH Logic high
VDD = 4.5 V, VBAT = -75 V, VIH = 2.4V
IIH
10
19
-
A
Input leakage current,
LATCH Logic low
VDD = 5.5 V, VBAT = -75 V, VIL = 0.4V
IIL
-
47
125
A
Input leakage current,
TSD Logic high
VDD = 5.5 V, VBAT = -75 V, VIH = VDD
IIH
10
16
30
A
Input leakage current,
TSD Logic low
VDD = 5.5 V, VBAT = -75 V, VIL = 0.4V
IIL
10
16
30
A
Output Characteristics
Output voltage,
TSD Logic high
VDD = 5.5 V, VBAT = -75 V, ITSD = AVTSD_off
2.4
VDD
-V
Output voltage,
TSD Logic low
VDD = 5.5 V, VBAT = -75 V, ITSD = mA
VTSD_on
-0
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com