Electronic Components Datasheet Search
  English  ▼

X  

CPC7595 Datasheet(PDF) 16 Page - IXYS Corporation

Part # CPC7595
Description  Line Card Access Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7595 Datasheet(HTML) 16 Page - IXYS Corporation

Back Button CPC7595 Datasheet HTML 12Page - IXYS Corporation CPC7595 Datasheet HTML 13Page - IXYS Corporation CPC7595 Datasheet HTML 14Page - IXYS Corporation CPC7595 Datasheet HTML 15Page - IXYS Corporation CPC7595 Datasheet HTML 16Page - IXYS Corporation CPC7595 Datasheet HTML 17Page - IXYS Corporation CPC7595 Datasheet HTML 18Page - IXYS Corporation CPC7595 Datasheet HTML 19Page - IXYS Corporation CPC7595 Datasheet HTML 20Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
INTEGRATED CIRCUITS DIVISION
16
www.ixysic.com
R03
CPC7595
To facilitate hot plug insertion and system power up
state control, the LATCH pin has an integrated weak
pull up resistor to the VDD power rail that will hold a
non-driven LATCH pin at a logic high state. This
enables board designers to use the CPC7595 with
FPGAs and other devices that provide high
impedance outputs during power up and logic
configuration. The weak pull up allows a fan out of up
to 32 when the system’s LATCH control driver has a
logic low minimum sink capability of 4mA.
2.2.2 Hot Plug and Power Up Circuit Design
Considerations
There are six possible start up scenarios that can
occur during power up. They are:
1.
All inputs defined at power up & LATCH = 0
2.
All inputs defined at power up & LATCH = 1
3.
All inputs defined at power up & LATCH = Z
4.
All inputs not defined at power up & LATCH = 0
5.
All inputs not defined at power up & LATCH = 1
6.
All inputs not defined at power up & LATCH = Z
Under all of the start up situations listed above the
CPC7595 will hold all of it’s switches in the all-off state
during power up. When VDD requirements have been
satisfied the LCAS will complete it’s start up procedure
in one of three conditions.
For start up scenario 1 the CPC7595 will transition
from the all-off state to the state defined by the inputs
when VDD is valid.
For start up scenarios 2, 3, 5, and 6 the CPC7595 will
power up in the all-off state and remain there until the
LATCH pin is pulled low. This allows for an indefinite
all-off state for boards inserted into a powered system
but are not configured for service or boards that need
to wait for other devices to be configured first.
Start up scenario 4 will start up with all switches in the
all-off state, but upon the acceptance of a valid VDD
the LCAS will revert to any one of the legitimate states
listed in the truth tables. Thereafter, it may randomly
change states based on input pin leakage currents
and loading. Because the LCAS state after power up
can not be predicted with this start up condition it
should never be utilized.
On designs that do not wish to individually control the
LATCH pins of multi-port cards, it is possible to bus
many (or all) of the LATCH pins together to create a
single board level input enable control.
2.3 Switch Logic
2.3.1 Start-up
The CPC7595 uses smart logic to monitor the VDD
supply. Any time the VDD is below an internally set
threshold, the smart logic places the control logic into
the all-off state. An internal pullup on the LATCH pin
locks the CPC7595 in the all-off state following start up
until the LATCH pin is pulled down to a logic low. Prior
to the assertion of a logic low at the LATCH pin, the
switch control inputs must be properly conditioned.
2.3.2 Switch Timing
The CPC7595 provides, when switching from the
ringing state to the talk state, the ability to control the
release timing of the ringing switches SW3 and SW4
relative to the state of the break switches SW1 and
SW2 using simple TTL logic-level inputs. The two
available techniques are referred to as
make-before-break operation and break-before-make
operation. When the switch contacts of SW1 and SW2
are closed (made) before the ringing switch contacts
of SW3 and SW4 are opened (broken), this is referred
to as make-before-break operation.
Break-before-make operation occurs when the ringing
contacts of SW3 and SW4 are opened (broken) before
the switch contacts of SW1 and SW2 are closed
(made). With the CPC7595, make-before-break and
break-before-make operations can easily be
accomplished by applying the proper sequence of
logic-level inputs to the device.
The logic sequences for either mode of operation are
given in “Make-Before-Break Operation Logic Table
(Ringing to Talk Transition)” on page 17,
“Break-Before-Make Operation Logic Table (Ringing to Talk
Transition)” on page 18 and “Alternate Break-Before-Make
Operation Logic Table (Ringing to Talk Transition)” on
page 19. Logic states and explanations are shown in
“Truth Tables” on page 14.
2.3.3 Make-Before-Break Operation
To use make-before-break operation, change the logic
inputs from the ringing state directly to the talk state.
Application of the talk state opens the ringing return



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com