Electronic Components Datasheet Search
  English  ▼

X  

CPC7595 Datasheet(PDF) 24 Page - IXYS Corporation

Part # CPC7595
Description  Line Card Access Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7595 Datasheet(HTML) 24 Page - IXYS Corporation

Back Button CPC7595 Datasheet HTML 17Page - IXYS Corporation CPC7595 Datasheet HTML 18Page - IXYS Corporation CPC7595 Datasheet HTML 19Page - IXYS Corporation CPC7595 Datasheet HTML 20Page - IXYS Corporation CPC7595 Datasheet HTML 21Page - IXYS Corporation CPC7595 Datasheet HTML 22Page - IXYS Corporation CPC7595 Datasheet HTML 23Page - IXYS Corporation CPC7595 Datasheet HTML 24Page - IXYS Corporation CPC7595 Datasheet HTML 25Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
INTEGRATED CIRCUITS DIVISION
24
www.ixysic.com
R03
CPC7595
3.5.3 CPC7595Mx 28-Pin DFN Package
NOTE: Because the metallic pad on the bottom of the DFN package is connected to the substrate of the die, IXYS
Integrated Circuits Division recommends that no printed circuit board traces cross this area to avoid potential shorting
issues.
3.6 Tape and Reel Specifications
3.6.1 CPC7595ZxTR Tape & Reel
Recommended PCB Land Pattern
Dimensions
mm
(inches)
7.0
(0.276)
11.0
(0.433)
7.5±0.05
(0.296±0.002)
5.0±0.05
(0.197±0.002)
0.75
(0.030)
0.33 +0.07,-0.05
(0.013 +0.003, -0.002)
0.55±0.10
(0.022±0.004)
Bottom side
metallic pad
Pin 1
0.90±0.10
(0.036 ±0.004)
0.02 +0.03, -0.02
(0.001 +0.0012, -0.001)
Seating Plane
0.20
(0.008)
Pin 1
6.70
(0.264)
0.75
(0.03)
0.35
(0.016)
1.05
(0.045)
Dimensions
mm
(inches)
NOTE: Unless otherwise specified, all dimension tolerances per EIA-481
Top Cover
Tape Thickness
0.102 MAX
(0.004 MAX)
330.2 DIA.
(13.00 DIA)
Embossed Carrier
Embossment
K
0=3.20±0.15
(0.126±0.006)
K
1=2.60±0.15
(0.10±0.006)
P=12.00
(0.47)
A
0=10.75±0.15
(0.42±0.006)
B
0=13.40±0.15
(0.53±0.006)
W=24.00±0.3
(0.94)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com