Electronic Components Datasheet Search
  English  ▼

X  

MP5030C Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP5030C
Description  USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5030C Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP5030C Datasheet HTML 9Page - Monolithic Power Systems MP5030C Datasheet HTML 10Page - Monolithic Power Systems MP5030C Datasheet HTML 11Page - Monolithic Power Systems MP5030C Datasheet HTML 12Page - Monolithic Power Systems MP5030C Datasheet HTML 13Page - Monolithic Power Systems MP5030C Datasheet HTML 14Page - Monolithic Power Systems MP5030C Datasheet HTML 15Page - Monolithic Power Systems MP5030C Datasheet HTML 16Page - Monolithic Power Systems MP5030C Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MP5030C
– USB CHARGING PORT CONTROLLER SUPPORTING CDP, DCP, AND QC3.0
MP5030C Rev. 1.01
www.MonolithicPower.com
16
9/28/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
IN
OUT
ADJ
ILIM
GND
MODE
MP5030C
DP
DM
OUT
R6
1.5k
Ω
C5
22
μF
USB
D+
D-
C1
22
μF
VIN
5V
C2A
22
μF
DP_OUT
DM_OUT
IN
EN/SYNC
VCC
ISENSE
AGND
PGND
BST
SW
FB
VIN
12V
EN/SYNC
C3
0.1
μF
R4
20
Ω
C4
0.1
μF
L1
15
μH
R1
82.5k
Ω
R2
24.3k
Ω
MP2499A
R7
6.49k
Ω
C2
22
μF
1,2
5
7
8
11,12,13
4
NC
3
6
9
10
7
5
4
3
6
10
9
1
2
8
C2B
22
μF
R5
33k
Ω
C1A
22
μF
VCC
Figure 8: MP5030C + MP2499A for CLA Car Charger, DCP Mode w/ QC
IN
OUT
ADJ
ILIM
GND
MODE
MP5030C
DP
DM
OUT
5V with line drop
compensation
R6
1.5k
Ω
C5
22
μF
USB
D+
D-
C1
22
μF
VIN
5V
C2A
22
μF
DP_OUT
DM_OUT
IN
EN/SYNC
VCC
ISENSE
AGND
PGND
BST
SW
FB
VIN
12V
EN/SYNC
C3
0.1
μF
R4
20
Ω
C4
0.1
μF
L1
15
μH
R1
82.5k
Ω
R2
24.3k
Ω
MP2499A
R7
12k
Ω
C2
22
μF
1,2
5
7
8
11,12,13
4
NC
3
6
9
10
7
5
4
3
6
10
9
1
2
8
C2B
22
μF
R5
33k
Ω
C1A
22
μF
R10
150
Ω
Figure 9: MP5030C + MP2499A for CLA Car Charger, DCP Mode w/o QC
IN
OUT
ADJ
ILIM
GND
MODE
MP5030C
DP
DM
OUT
5V with line drop
compensation
R6
1.5k
Ω
C5
22
μF
USB
D+
D-
C1
22
μF
VIN
5V
C2A
22
μF
DP_OUT
DM_OUT
IN
EN/SYNC
VCC
ISENSE
AGND
PGND
BST
SW
FB
VIN
12V
EN/SYNC
C3
0.1
μF
R4
20
Ω
C4
0.1
μF
L1
15
μH
R1
82.5k
Ω
R2
24.3k
Ω
MP2499A
R7
12k
Ω
C2
22
μF
1,2
5
7
8
11,12,13
4
NC
3
6
9
10
7
5
4
3
6
10
9
1
2
8
C2B
22
μF
R5
33k
Ω
C1A
22
μF
To HOST Controller
R8
1k
Ω
L2
bead,2.5k
Ω
@100MHz
Figure 10: MP5030C + MP2499A for CDP Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com