Electronic Components Datasheet Search
  English  ▼

X  

MP5030C Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5030C
Description  USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5030C Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5030C Datasheet HTML 1Page - Monolithic Power Systems MP5030C Datasheet HTML 2Page - Monolithic Power Systems MP5030C Datasheet HTML 3Page - Monolithic Power Systems MP5030C Datasheet HTML 4Page - Monolithic Power Systems MP5030C Datasheet HTML 5Page - Monolithic Power Systems MP5030C Datasheet HTML 6Page - Monolithic Power Systems MP5030C Datasheet HTML 7Page - Monolithic Power Systems MP5030C Datasheet HTML 8Page - Monolithic Power Systems MP5030C Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP5030C
USB Charging Port Controller with
Current Limit Switch, Supporting
CDP, DCP, and QC3.0 Modes
MP5030C Rev. 1.01
www.MonolithicPower.com
1
9/28/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP5030C integrates a USB current-limit
switch and charging port identification circuit.
The MP5030C achieves 3A of continuous
output current over a wide input supply range.
The output of the USB switch is current-limit
programmable.
The
MP5030C
supports
dedicated charging port (DCP) and charging
downstream port (CDP) schemes for battery
charging specification (BC1.2), divider mode,
1.2V/1.2V mode, and quick-charge specification
(QC 2.0/3.0) without the need for external user
interaction.
The
MP5030C
provides
linear
line
drop
compensation for 5V outputs.
Full protection features include hiccup current
limiting, input over-voltage protection (OVP),
and thermal shutdown.
The MP5030C requires a minimal number of
readily
available,
standard,
external
components to complete the USB switch and
charging mode auto-detection solution. The
MP5030C
is
available
in
a
QFN-10
(1.5mmx2mm) package.
FEATURES
 Up to 14V Operating Input Voltage Range
 Support DCP Schemes for BC 1.2 without
QC Mode, Divider Mode, and 1.2V/1.2V
Mode
 Supports QC 3.0 Mode
 Support CDP Mode for USB 2.0 Data
 Line Drop Compensation for 5V Output
 Programmable High-Accuracy Current Limit
 32mΩ Low R
DS(ON) Power MOSFET
 Input Over-Voltage Shutdown Protection
 Compatible with Buck, Boost, AC/DC
Converters
 Available in a QFN-10 (1.5mmx2mm)
Package
APPLICATIONS
 USB Charging Downstream Port (CDP)
 USB Dedicated Charging Ports (DCP)
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
IN
OUT
ADJ
ILIM
GND
MODE
MP5030C
DP
DM
OUT
5V
R6
1.5kΩ
C5
22μF
USB
DP_OUT
DM_OUT
C2
10μF
To USB Host
R8
1kΩ
L2
Bead,2.5kΩ
100MHz
VIN
5V
CDP Mode Set-Up for USB2.0 Application


Similar Part No. - MP5030C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP503 ETC2-MP503 Datasheet
276Kb / 1P
TMP FEMALE BULKHEAD TO SEMI-RIGID CABLE
logo
Shanghai Shunye Electro...
MP503 SHUNYE-MP503 Datasheet
221Kb / 2P
PRESS-FIT MOTOLOLA DIODES
logo
Zhengzhou Winsen Electr...
MP503 WINSEN-MP503 Datasheet
722Kb / 7P
Air-Quality Gas Sensor
logo
Monolithic Power System...
MP5032 MPS-MP5032 Datasheet
780Kb / 18P
QC 3.0 Controller with Integrated Current-Limit Switch
MP5032GJ MPS-MP5032GJ Datasheet
780Kb / 18P
QC 3.0 Controller with Integrated Current-Limit Switch
More results

Similar Description - MP5030C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2541ARTER TI-TPS2541ARTER Datasheet
1Mb / 40P
USB Charging Port Power Switch and Controller
logo
Dialog Semiconductor
SLG55546 DIALOG-SLG55546 Datasheet
280Kb / 19P
Meets Battery Charging Specification BC1.2 for DCP and cdp
SLGC55545 DIALOG-SLGC55545 Datasheet
373Kb / 20P
USB Charging Port Power Switch and Controller
logo
SHANGHAI BELLING CO., L...
BL2513A BELLING-BL2513A Datasheet
524Kb / 12P
USB dedicated charging port (DCP) controller
BL2513M BELLING-BL2513M Datasheet
424Kb / 12P
USB dedicated charging port (DCP) controller
BL2514A BELLING-BL2514A Datasheet
446Kb / 11P
USB dedicated charging port (DCP) controller
BL2514M BELLING-BL2514M Datasheet
350Kb / 12P
USB dedicated charging port (DCP) controller
logo
Anpec Electronics Corop...
APL3524 ANPEC-APL3524 Datasheet
354Kb / 29P
USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLGC55544CV RENESAS-SLGC55544CV Datasheet
590Kb / 20P
USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55545V RENESAS-SLGC55545V Datasheet
605Kb / 19P
USB Charging Port Power Switch and Controller
8-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com