Electronic Components Datasheet Search
  English  ▼

X  

MP5030C Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5030C
Description  USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5030C Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5030C Datasheet HTML 6Page - Monolithic Power Systems MP5030C Datasheet HTML 7Page - Monolithic Power Systems MP5030C Datasheet HTML 8Page - Monolithic Power Systems MP5030C Datasheet HTML 9Page - Monolithic Power Systems MP5030C Datasheet HTML 10Page - Monolithic Power Systems MP5030C Datasheet HTML 11Page - Monolithic Power Systems MP5030C Datasheet HTML 12Page - Monolithic Power Systems MP5030C Datasheet HTML 13Page - Monolithic Power Systems MP5030C Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MP5030C
– USB CHARGING PORT CONTROLLER SUPPORTING CDP, DCP, AND QC3.0
MP5030C Rev. 1.01
www.MonolithicPower.com
10
9/28/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
DP
D+ data line to USB connector. DP is the input/output used for handshaking with
portable devices.
2
DM
D- data line to USB connector. DM is the input/output used for handshaking with
portable devices.
3
ILIM
Set the current limit level. Place a resistor between ILIM and GND to achieve a
high-accuracy current limit.
4
ADJ
Output voltage adjustment. ADJ sinks a current from the upstream DC/DC
converter's FB pin to ground to regulate the DC/DC converter's output voltage. ADJ
also supports line drop compensation.
5
MODE
USB mode control. Float MODE to operate the USB in DCP mode without the QC
function. Pull MODE high to operate the USB in DCP mode with the QC function.
Pull MODE low to operate the USB in CDP mode.
MODE has a 1MΩ pull-up resistor
to an internal +1.2V source.
6
GND
Ground.
7
IN
Supply voltage.
8
OUT
Output of the USB current limit switch.
9
DM_OUT
D- data line to the USB host controller.
10
DP_OUT
D+ data line to the USB host controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com