Electronic Components Datasheet Search
  English  ▼

X  

MP5030C Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP5030C
Description  USB Charging Port Controller with Current Limit Switch, Supporting CDP, DCP, and QC3.0 Modes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5030C Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP5030C Datasheet HTML 9Page - Monolithic Power Systems MP5030C Datasheet HTML 10Page - Monolithic Power Systems MP5030C Datasheet HTML 11Page - Monolithic Power Systems MP5030C Datasheet HTML 12Page - Monolithic Power Systems MP5030C Datasheet HTML 13Page - Monolithic Power Systems MP5030C Datasheet HTML 14Page - Monolithic Power Systems MP5030C Datasheet HTML 15Page - Monolithic Power Systems MP5030C Datasheet HTML 16Page - Monolithic Power Systems MP5030C Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
MP5030C
– USB CHARGING PORT CONTROLLER SUPPORTING CDP, DCP, AND QC3.0
MP5030C Rev. 1.01
www.MonolithicPower.com
14
9/28/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Short-Circuit Protection (SCP)
If the load current increases rapidly due to a
short circuit, the current may exceed the
current-limit threshold greatly before the control
loop can respond. If the current reaches an
internal secondary current-limit level (about 6A),
a fast turn-off circuit activates to turn off the
power MOSFET. This limits the peak current
through the switch to limit the input voltage drop.
The typical fast-off response time value is
700ns. If the fast off-works, the power MOSFET
remains off
for 80μs. Afterward, the power
MOSFET turns on again. If the part is still in a
short-circuit condition, the MP5030C treats this
as an over-current condition and enters hiccup
mode or thermal shutdown. After the short-
circuit condition is removed, the MP5030C
recovers automatically.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die temperature exceeds
160°C, the entire chip shuts down. When the
temperature falls below its lower threshold
(typically 135°C), the chip is enabled again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com