Electronic Components Datasheet Search
  English  ▼

X  

TMUX6119 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6119
Description  36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6119 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX6119 Datasheet HTML 1Page - Texas Instruments TMUX6119 Datasheet HTML 2Page - Texas Instruments TMUX6119 Datasheet HTML 3Page - Texas Instruments TMUX6119 Datasheet HTML 4Page - Texas Instruments TMUX6119 Datasheet HTML 5Page - Texas Instruments TMUX6119 Datasheet HTML 6Page - Texas Instruments TMUX6119 Datasheet HTML 7Page - Texas Instruments TMUX6119 Datasheet HTML 8Page - Texas Instruments TMUX6119 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
1
EN
8
SEL
2
VDD
7
SA
3
GND
6
D
4
VSS
5
SB
Not to scale
3
TMUX6119
www.ti.com
SCDS384 – SEPTEMBER 2018
Product Folder Links: TMUX6119
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
TMUX6119: DCN Package
8-Pin SOT-23
Top View
(1)
I = input, O = output, I/O = input and output, P = power
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
EN
1
I
Active high digital input. When this pin is low, both switches are turned off. When this pin is high,
the IN logic input determine which switch is turned on.
VDD
2
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation,
connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
GND
3
P
Ground (0 V) reference
VSS
4
P
Negative power supply. This pin is the most negative power-supply potential. In single-supply
applications, this pin can be connected to ground. For reliable operation, connect a decoupling
capacitor ranging from 0.1 µF to 10 µF between VSS and GND.
SB
5
I/O
Source pin B. Can be an input or output.
D
6
I/O
Drain pin. Can be an input or output.
SA
7
I/O
Source pin A. Can be an input or output.
SEL
8
I
Logic control input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com