Electronic Components Datasheet Search
  English  ▼

X  

TMUX6119 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6119
Description  36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6119 Datasheet(HTML) 5 Page - Texas Instruments

  TMUX6119 Datasheet HTML 1Page - Texas Instruments TMUX6119 Datasheet HTML 2Page - Texas Instruments TMUX6119 Datasheet HTML 3Page - Texas Instruments TMUX6119 Datasheet HTML 4Page - Texas Instruments TMUX6119 Datasheet HTML 5Page - Texas Instruments TMUX6119 Datasheet HTML 6Page - Texas Instruments TMUX6119 Datasheet HTML 7Page - Texas Instruments TMUX6119 Datasheet HTML 8Page - Texas Instruments TMUX6119 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
TMUX6119
www.ti.com
SCDS384 – SEPTEMBER 2018
Product Folder Links: TMUX6119
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
(2)
VDD and VSS can be any value as long as 10 V ≤ (VDD – VSS) ≤ 36 V.
VS
(2)
Source pins voltage
VSS
VDD
V
VD
Drain pin voltage
VSS
VDD
V
VDIG
Digital input pin (SEL, EN) voltage
0
VDD
V
ICH
Channel current (TA = 25°C )
–25
25
V
TA
Ambient temperature
–40
125
V
(1)
When VS is positive, VD is negative, and vice versa.
6.5 Electrical Characteristics (Dual Supplies: ±15 V)
at TA = 25°C, VDD = 15 V, and VSS = -15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
VA
Analog signal range
TA = –40°C to +125°C
VSS
VDD
V
RON
On-resistance
VS = 0 V, IS = 1 mA
120
135
Ω
VS = ±10 V, IS = 1 mA
140
165
Ω
TA = –40°C to +85°C
210
Ω
TA = –40°C to +125°C
245
Ω
ΔRON
On-resistance mismatch
between channels
VS = ±10 V, IS = 1 mA
2.4
6
Ω
TA = –40°C to +85°C
9
Ω
TA = –40°C to +125°C
11
Ω
RON_FLAT
On-resistance flatness
VS = –10 V, 0 V, +10 V, IS
= 1 mA
22
45
Ω
TA = –40°C to +85°C
47
Ω
TA = –40°C to +125°C
49
Ω
RON_DRIFT
On-resistance drift
VS = 0 V
0.5
%/°C
IS(OFF)
Source off leakage current(1)
Switch state is off, VS =
+10 V/ –10 V, VD = –10
V/ + 10 V
–0.02
0.005
0.02
nA
TA = –40°C to +85°C
–0.12
0.05
nA
TA = –40°C to +125°C
–0.6
0.15
nA
ID(OFF)
Drain off leakage current(1)
Switch state is off, VS =
+10 V/ –10 V, VD = –10
V/ +10 V
–0.02
0.005
0.02
nA
TA = –40°C to +85°C
–0.12
0.05
nA
TA = –40°C to +125°C
–0.6
0.15
nA
ID(ON)
Drain on leakage current
Switch state is on, VS =
+10 V/ –10 V, VD = –10
V/ +10 V
–0.04
0.01
0.04
nA
TA = –40°C to +85°C
–0.25
0.1
nA
TA = –40°C to +125°C
–1.2
0.3
nA
DIGITAL INPUT (EN, Ax pins)
VIH
Logic voltage high
2
V
VIL
Logic voltage low
0.8
V
RPD(EN)
Pull-down resistance on EN pin
6
M
Ω
POWER SUPPLY
IDD
VDD supply current
VA = 0 V or 3.3 V, VS = 0
V
16
21
µA
TA = –40°C to +85°C
22
µA
TA = –40°C to +125°C
23
µA
ISS
VSS supply current
VA = 0 V or 3.3 V, VS = 0
V
7
10
µA
TA = –40°C to +85°C
11
µA
TA = –40°C to +125°C
12
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com