Electronic Components Datasheet Search
  English  ▼

X  

TMUX6119 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6119
Description  36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6119 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMUX6119 Datasheet HTML 3Page - Texas Instruments TMUX6119 Datasheet HTML 4Page - Texas Instruments TMUX6119 Datasheet HTML 5Page - Texas Instruments TMUX6119 Datasheet HTML 6Page - Texas Instruments TMUX6119 Datasheet HTML 7Page - Texas Instruments TMUX6119 Datasheet HTML 8Page - Texas Instruments TMUX6119 Datasheet HTML 9Page - Texas Instruments TMUX6119 Datasheet HTML 10Page - Texas Instruments TMUX6119 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
TMUX6119
www.ti.com
SCDS384 – SEPTEMBER 2018
Product Folder Links: TMUX6119
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (Single Supply: 12 V) (continued)
at TA = 25°C, VDD = 12 V, and VSS = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
When VS is positive, VD is negative, and vice versa.
IS(OFF)
Source off leakage current(1)
Switch state is off, VS =
10 V/ 1 V, VD = 1 V/ 10 V
–0.02
0.005
0.02
nA
TA = –40°C to +85°C
–0.08
0.04
nA
TA = –40°C to +125°C
–0.5
0.13
nA
ID(OFF)
Drain off leakage current(1)
Switch state is off, VS =
10 V/ 1 V, VD = 1 V/ 10 V
–0.02
0.005
0.02
nA
TA = –40°C to +85°C
–0.08
0.04
nA
TA = –40°C to +125°C
–0.5
0.13
nA
ID(ON)
Drain on leakage current
Switch state is on, VS =
floating, VD = 1 V/ 10 V
–0.04
0.01
0.04
nA
TA = –40°C to +85°C
–0.16
0.08
nA
TA = –40°C to +125°C
–1
0.25
nA
DIGITAL INPUT (EN, Ax pins)
VIH
Logic voltage high
2
V
VIL
Logic voltage low
0.8
V
RPD(EN)
Pull-down resistance on EN pin
6
M
Ω
POWER SUPPLY
IDD
VDD supply current
VA = 0 V or 3.3 V, VS = 0
V
11
13
µA
TA = –40°C to +85°C
14
µA
TA = –40°C to +125°C
15
µA
(1)
Specified by design; not subject to production testing.
6.8 Switching Characteristics (Single Supply: 12 V)
at TA = 25°C, VDD = 12 V, and VSS = 0 V (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
Enable turn-on time
VS = 8 V, RL = 300 Ω , CL = 35 pF
73
91
ns
VS = 8 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+85°C
119
ns
VS = 8 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+125°C
130
ns
tOFF
Enable turn-off time
VS = 8 V, RL = 300 Ω , CL = 35 pF
60
69
ns
VS = 8 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+85°C
82
ns
VS = 8 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+125°C
88
ns
tTRAN
Transition time
VS = 8 V, RL = 300 Ω , CL = 35 pF
73
93
ns
VS = 8 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+85°C
104
ns
VS = 8 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+125°C
112
ns
tBBM
Break-before-make time delay
VS = 8 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+125°C
10
45
ns
QJ
Charge injection
VS = 6 V, RS = 0 Ω , CL = 1 nF
0.1
pC
OISO
Off-isolation
RL = 50 Ω , CL = 5 pF, f = 1 MHz
-85
dB
XTALK
Channel-to-channel crosstalk
RL = 50 Ω , CL = 5 pF, f = 1 MHz
–100
dB
IL
Insertion loss
RL = 50 Ω , CL = 5 pF, f = 1 MHz
-15
dB
ACPSRR
AC Power Supply Rejection
Ratio
RL = 10 kΩ , CL = 5 pF, VPP= 0.62 V, f= 1 MHz
–55
dB
BW
-3dB Bandwidth
RL = 50 Ω , CL = 5 pF
TBD
MHz
CIN
Digital input capacitance
VIN = 0 V or VDD
1
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com