Electronic Components Datasheet Search
  English  ▼

X  

AD5930 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5930
Description  Programmable Frequency Sweep and Output Burst Waveform Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5930 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5930 Datasheet HTML 19Page - Analog Devices AD5930 Datasheet HTML 20Page - Analog Devices AD5930 Datasheet HTML 21Page - Analog Devices AD5930 Datasheet HTML 22Page - Analog Devices AD5930 Datasheet HTML 23Page - Analog Devices AD5930 Datasheet HTML 24Page - Analog Devices AD5930 Datasheet HTML 25Page - Analog Devices AD5930 Datasheet HTML 26Page - Analog Devices AD5930 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD5930
Rev. D | Page 23 of 28
AD5930 TO 68HC11/68L11 INTERFACE
Figure 37 shows the serial interface between the AD5930 and
the 68HC11/68L11 microcontroller. The microcontroller is
configured as the master by setting bit MSTR in the SPCR to 1,
which provides a serial clock on SCK while the MOSI output
drives the serial data line SDATA. Since the microcontroller
does not have a dedicated frame sync pin, the FSYNC signal is
derived from a port line (PC7). The setup conditions for correct
operation of the interface are as follows:
1. SCK idles high between write operations (CPOL = 1)
2. Data is valid on the SCK falling edge (CPHA = 0)
When data is being transmitted to the AD5930, the FSYNC line
is taken low (PC7). Serial data from the 68HC11/68L11 is
transmitted in 8-bit bytes with only eight falling clock edges
occurring in the transmit cycle. Data is transmitted MSB first.
In order to load data into the AD5930, PC7 is held low after the
first 8 bits are transferred and a second serial write operation is
performed to the AD5930. Only after the second 8 bits have
been transferred should FSYNC be taken high again.
AD59301
68HC11/68L111
1ADDITIONAL PINS OMITTED FOR CLARITY.
PC7
MOSI
SCK
FSYNC
SDATA
SCLK
Figure 37. 68HC11/68L11 to AD5930 Interface
AD5930 TO 80C51/80L51 INTERFACE
Figure 38 shows the serial interface between the AD5930 and
the 80C51/80L51 microcontroller. The microcontroller is
operated in mode 0 so that TXD of the 80C51/80L51 drives
SCLK of the AD5930, while RXD drives the serial data line
SDATA. The FSYNC signal is again derived from a bit
programmable pin on the port (P3.3 being used in the
diagram). When data is to be transmitted to the AD5930, P3.3
is taken low. The 80C51/80L51 transmits data in 8-bit bytes,
thus, only eight falling SCLK edges occur in each cycle. To load
the remaining 8 bits to the AD5930, P3.3 is held low after the
first 8 bits have been transmitted, and a second write operation
is initiated to transmit the second byte of data. P3.3 is taken
high following the completion of the second write operation.
SCLK should idle high between the two write operations. The
80C51/80L51 outputs the serial data in an LSB first format. The
AD5930 accepts the MSB first (the 4 MSBs being the control
information, the next 4 bits being the address while the 8 LSBs
contain the data when writing to a destination register).
Therefore, the transmit routine of the 80C51/80L51 must take
this into account and rearrange the bits so that the MSB is
output first.
AD59301
80C51/80L511
1ADDITIONAL PINS OMITTED FOR CLARITY.
P3.3
RXD
TXD
FSYNC
SDATA
SCLK
Figure 38. 80C51/80L51 to AD5930 Interface
AD5930 TO DSP56002 INTERFACE
Figure 39 shows the interface between the AD5930 and the
DSP56002. The DSP56002 is configured for normal mode,
asynchronous operation with a gated internal clock (SYN = 0,
GCK = 1, SCKD = 1). The frame sync pin is generated internally
(SC2 = 1), the transfers are 16 bits wide (WL1 = 1, WL0 = 0), and
the frame sync signal frames the 16 bits (FSL = 0). The frame
sync signal is available on Pin SC2, but needs to be inverted
before being applied to the AD5930. The interface to the
DSP56000/DSP56001 is similar to that of the DSP56002.
AD59301
DSP560021
1ADDITIONAL PINS OMITTED FOR CLARITY.
SC2
STD
SCK
FSYNC
SDATA
SCLK
Figure 39. DSP56002 to AD5930 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com