Electronic Components Datasheet Search
  English  ▼

X  

AD5930 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5930
Description  Programmable Frequency Sweep and Output Burst Waveform Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5930 Datasheet(HTML) 3 Page - Analog Devices

  AD5930 Datasheet HTML 1Page - Analog Devices AD5930 Datasheet HTML 2Page - Analog Devices AD5930 Datasheet HTML 3Page - Analog Devices AD5930 Datasheet HTML 4Page - Analog Devices AD5930 Datasheet HTML 5Page - Analog Devices AD5930 Datasheet HTML 6Page - Analog Devices AD5930 Datasheet HTML 7Page - Analog Devices AD5930 Datasheet HTML 8Page - Analog Devices AD5930 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD5930
Rev. D | Page 3 of 28
GENERAL DESCRIPTION
(continued from Page 1)
To program the device, the user enters the start frequency, the
increment step size, the number of increments to be made, and
the time interval that the part outputs each frequency. The
frequency sweep profile is initiated, started, and executed by
toggling the CTRL pin.
A number of different sweep profiles are offered. Frequencies can
be stepped in triangular-sweep mode, which continuously sweeps
up and down through the frequency range. Alternatively, in saw-
sweep mode, the frequency is swept up through the frequency
range, but returns to the initial frequency before executing the
sweep again. In addition, a single frequency or burst can be
generated without any sweep.
The AD5930 is written to via a 3-wire serial interface, which
operates at clock rates up to 40 MHz. The device operates with
a power supply from 2.3 V to 5.5 V. Note that AVDD and DVDD
are independent of each other and can be operated from
different voltages. The AD5930 also has a standby function,
which allows sections of the device that are not being used
to be powered down.
The AD5930 is available in a 20-lead pb-free TSSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com