| Electronic Components Datasheet Search |
|
TM8704 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TM8704 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 8 page ![]() TM8704 tenx technology, inc. Ver1.0 03/12/01 5 PIN DESCRIPTION Name I/O Description VDD1,2,3 P LCD supply voltage, and positive supply voltage. RESET I Input pin for external reset request signal, built-in internal pull-down resistor. INT I Input pin for external interrupt request signal. . Falling edge or rising edge triggered is defined by mask option. . Internal pull-down or pull-up resistor is defined by mask option. TEST Test signal input pin. CUP1,2 O Switching pins for supply the LCD driving voltage to the VDD1,2,3 pins. . Connect the CUP1 and CUP2 pins with non-polarized electrolytic capacitor when chip operated in 1/2 or 1/3 bias mode. . In no BIAS mode, leave these pins opened. XIN XOUT I O Time base counter frequency (clock specified. LCD alternating frequency. Alarm signal frequency) or system clock oscillation. . 32KHz Crystal oscillator or External RC for SLOW ONLY or DUAL by mask option. . In FAST ONLY mode option, connect an external resistor could compose a RC oscillator. COM1~5 O Output pins for driving the common pins of the LCD panel. SEG1-12,24- 35 O Output pins for driving the LCD panel segment. IOA1-4 I/O Input / Output port A.(muxed with SEG24~27) IOB1-4 I/O Input / Output port B.(muxed with SEG28~30) IOC1-4 I/O Input / Output port C. (muxed with SEG32~35) BZB/BZ O Output port for alarm generator GND P Negative supply voltage. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |