Electronic Components Datasheet Search
  English  ▼

X  

TM8704 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TM8704
Description  4 Bit Microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TM8704 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TM8704 Datasheet HTML 1Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 2Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 3Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 4Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 5Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 6Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 7Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TM8704
tenx technology, inc.
Ver1.0
03/12/01
6
ABSOLOUTE MAXIMUM RATINGS
GND= 0V
Name
Symbol
Range
Unit
VDD1
-0.3 to 2.0
V
VDD2
-0.3 to 4.0
V
Maximum Supply Voltage
VDD3
-0.3 to 6.0
V
Maximum Input Voltage
Vin
-0.3 to VDD1/2+0.3
V
Vout1
-0.3 to VDD1/2+0.3
V
Maximum output Voltage
Vout2
-0.3 to VDD3+0.3
V
Maximum Operating Temperature
Topg
-20 to +70
℃
Maximum Storage Temperature
Tstg
-25 to +125
℃
POWER CONSUMPTION
at Ta=-20℃ to 70℃,GND= 0V
Name
Sym.
Condition
Min.
Typ.
Max.
Unit
HALT mode
IHALT1 Only 32.768KHz Crystal oscillator operating,
without loading. (BCF = 0)
2
uA
STOP mode
ISTOP
1
uA
Note : When RC oscillator function is operating, the current consumption will depend on the frequency of
oscillation.
ALLOWABLE OPERATING CONDITIONS
at Ta=0 to 70℃,GND= 0V
Name
Symb.
Condition
Min.
Max.
Unit
VDD1
1.2
1.8
V
VDD2
2.4
3.6
V
Supply Voltage
VDD3
2.4
5.4
V
Oscillator Start-Up
Voltage
VDD1
Crystal Mode
1.3
V
Oscillator Sustain
Voltage
VDD1
Crystal Mode
1.2
V
Input “H” Voltage
Vih1
VDD1-0.7 VDD1+0.7
V
Input “L” Voltage
Vil1
-0.7
0.7
V
Input “H” Voltage
Vih3
0.8xVDD1
VDD1
V
Input “L” Voltage
Vil3
OSCIN
0
0.2xVDD1
V
Fopg1
Crystal Mode
32
KHZ
Operating Freq
Fopg2
RC/CF Mode
10
1000
KHZ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com