Electronic Components Datasheet Search
  English  ▼

X  

TM8704 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TM8704
Description  4 Bit Microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TM8704 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  TM8704 Datasheet HTML 1Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 2Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 3Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 4Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 5Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 6Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 7Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TM8704
tenx technology, inc.
Ver1.0
03/12/01
7
INTERNAL RC FREQUENCY RANGE
Option Mode
BAK
Min.
Typ.
Max.
1.2V~1.5V
300KHz
350KHz
400KHz
250KHz
2.4V~5.0V
200KHz
250KHz
300KHz
1.2V~1.5V
550KHz
650KHz
750KHz
500KHz
2.4V~5.0V
400KHz
500KHz
600KHz
ELECTRICAL CHARACTERISTICS
VDD1=1.2V;
Input Resistance
Name
Symb.
Condition
Min.
Typ.
Max.
Unit
IOB,C Pull-Down Tr
Rmad1
Vi=VDD1
200
500
1000
Kohm
INT Pull-up Tr
Rintu1
Vi=GND
200
500
1000
Kohm
INT Pull-Down Tr
Rintd1
Vi=VDD1
200
500
1000
Kohm
RES Pull-Down Tr
Rres1
Vi=VDD1
100
300
500
Kohm
DC Output Characteristics
Name
Symb.
Condition
Port
Min.
Typ.
Max.
Unit
Output ”H” Voltage
Voha
Ioh=-200uA
SEG1~12
SEG24~35
0.8
0.9
1.0
V
Output ”L” Voltage
Vola
Iol=400uA
SEG1~12
SEG24~35
0.2
0.3
0.4
V
Segment Driver Output Characteristics
Name
Symb.
Condition
For
Min.
Typ.
Max.
Unit.
Static Display Mode
Output ”H” Voltage
Vohb
Ioh=-1uA
SEG-n
1.0
V
Output ”L” Voltage
Volb
Iol=1uA
SEG-n
0.2
V
Output ”H” Voltage
Vohc
Ioh=-10uA
COM-n
1.0
V
Output ”L” Voltage
Volc
Iol=10uA
COM-n
0.2
V
1/2 Bias Display Mode
Output ”H” Voltage
Vohd
Ioh=-1uA
SEG-n
2.2
V
Output ”L” Voltage
Vold
Iol=1uA
SEG-n
0.2
V
Output ”H” Voltage
Vohe
Ioh=-10uA
COM-n
2.2
V
Output ”M” Voltage
Vom1e Iol/h=+/-10uA
COM-n
1.0
1.4
V
Output ”L” Voltage
Vole
Iol=10uA
COM-n
0.2
V
1/3 Bias display Mode
Output ”H” Voltage
Vohf
Ioh=-1uA
SEG-n
3.4
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com