Electronic Components Datasheet Search
  English  ▼

X  

TM8704 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TM8704
Description  4 Bit Microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TM8704 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TM8704 Datasheet HTML 1Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 2Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 3Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 4Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 5Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 6Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 7Page - List of Unclassifed Manufacturers TM8704 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
tenx technology
TM8704
4 Bit Microcontroller
tenx technology, inc.
Ver 1.0
03/12/01
GENERAL DESCRIPTION
The TM8704 is an embedded high-performance 4-bit microcomputer with LCD driver. It
contains all the necessary functions, such as 4-bit parallel processing ALU, ROM, RAM,
I/O ports, timer, clock generator, dual clock operation, LCD driver and look-up table in a
signal chip.
FEATURE
1.
1.5V operation only and with low power dissipation.
2.
Powerful instruction set (129 instructions).
Binary addition, subtraction, BCD adjust, logical operation in direct and index
addressing mode.
Single-bit manipulation (set, reset, decision for branch).
Various conditional branch.
16 working registers and manipulation.
Table look-up.
LCD driver data transfer.
3.
Memory capacity.
ROM capacity
1152
x 16 bits.
RAM capacity
80
x 4 bits.
4.
LCD driver output.
5 common outputs and 24 segment outputs (up to drive 120 LCD segments).
1/2 Duty, 1/3 Duty, 1/4 Duty or 1/5 Duty is selected by MASK option.
1/2 Bias or 1/3 Bias is selected by MASK option.
Single instruction to turn off all segments.
Segment output pins (SEG1~12) could be defined as CMOS or P_open drain output
type by mask option.
5.
Input/output ports.
Port IOA
4 pins, muxed with SEG24~SEG27.
Port IOB
4 pins(with internal pull-low), muxed with SEG28~SEG31.
Port IOC
4 pins(with internal pull-low), muxed with SEG32~SEG35.
IOC port had built in the input signal chattering prevention circuitry.
6.
8 level subroutine nesting.
7.
Interrupt function.
External factor 2
(INT pin, Port IOC).
Internal factors 2
(Pre-Divider, Timer1).
8.
Built-in Diode for Solar Cell power regulation.
9.
Built in Alarm generator.


Similar Part No. - TM8704

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM8705 ETC1-TM8705 Datasheet
105Kb / 11P
High-Performance 4-Bit Microcomputer with LCD/LED Driver.
TM8706 ETC1-TM8706 Datasheet
108Kb / 12P
The TM8706 is an embedded high-performance 4-bit microcomputer with LCD LED driver
More results

Similar Description - TM8704

ManufacturerPart #DatasheetDescription
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
4-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
4-BIT MICROCONTROLLER
EM73P982 EMC-EM73P982 Datasheet
219Kb / 41P
4-BIT MICROCONTROLLER
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
4-Bit Microcontroller
September 8, 1999
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
4 BIT MICROCONTROLLER
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
4-BIT MICROCONTROLLER
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com