Electronic Components Datasheet Search
  English  ▼

X  

ADF4159 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4159
Description  Direct Modulation/Fast Waveform Generating,
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4159 Datasheet HTML 3Page - Analog Devices ADF4159 Datasheet HTML 4Page - Analog Devices ADF4159 Datasheet HTML 5Page - Analog Devices ADF4159 Datasheet HTML 6Page - Analog Devices ADF4159 Datasheet HTML 7Page - Analog Devices ADF4159 Datasheet HTML 8Page - Analog Devices ADF4159 Datasheet HTML 9Page - Analog Devices ADF4159 Datasheet HTML 10Page - Analog Devices ADF4159 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
ADF4159
Rev. E | Page 7 of 36
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, GND = AGND = DGND = SDGND = CPGND =
0 V, unless otherwise noted.
Table 4.
Parameter
Rating
AVDD to GND
−0.3 V to +3.9 V
DVDD to GND
−0.3 V to +2.4 V
VP to GND
−0.3 V to +3.9 V
VP to AVDD
−0.3 V to +0.3 V
Digital I/O Voltage to GND
−0.3 V to DVDD + 0.3 V
Analog I/O Voltage to GND
−0.3 V to AVDD + 0.3 V
REFIN to GND
−0.3 V to DVDD + 0.3 V
RFIN to GND
−0.3 V to AVDD + 0.3 V
Operating Temperature Range,
Industrial
−40°C to +125°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
ESD
Charged Device Model
1000 V
Human Body Model
3000 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Thermal impedance (θJA) is specified for a device with the
exposed pad soldered to AGND.
Table 5. Thermal Resistance
Package Type
θJA
Unit
24-Lead LFCSP_WQ
56
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com