Electronic Components Datasheet Search
  English  ▼

X  

ADF4159 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4159
Description  Direct Modulation/Fast Waveform Generating,
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4159 Datasheet HTML 4Page - Analog Devices ADF4159 Datasheet HTML 5Page - Analog Devices ADF4159 Datasheet HTML 6Page - Analog Devices ADF4159 Datasheet HTML 7Page - Analog Devices ADF4159 Datasheet HTML 8Page - Analog Devices ADF4159 Datasheet HTML 9Page - Analog Devices ADF4159 Datasheet HTML 10Page - Analog Devices ADF4159 Datasheet HTML 11Page - Analog Devices ADF4159 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ADF4159
Data Sheet
Rev. E | Page 8 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
CPGND
NOTES
1. THE LFCSP HAS AN EXPOSED PAD
THAT MUST BE CONNECTED TO AGND.
2
1
3
4
5
6
18
17
16
15
14
13
ADF4159
TOP VIEW
(Not to Scale)
AGND
AGND
RFINB
RFINA
AVDD
SDVDD
MUXOUT
LE
DATA
CLK
CE
Figure 5. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CPGND
Charge Pump Ground. This pin is the ground return path for the charge pump.
2, 3
AGND
Analog Ground.
4
RFINB
Complementary Input to the RF Prescaler. Decouple this pin to the ground plane with a small bypass capacitor,
typically 100 pF.
5
RFINA
Input to the RF Prescaler. This small signal input is normally ac-coupled from the VCO.
6, 7, 8
AVDD
Positive Power Supply for the RF Section. Place decoupling capacitors to the ground plane as close as possible
to these pins.
9
REFIN
Reference Input. This CMOS input has a nominal threshold of DVDD/2 and an equivalent input resistance of 100 kΩ.
It can be driven from a TTL or CMOS crystal oscillator, or it can be ac-coupled.
10
DGND
Digital Ground.
11
SDGND
Digital Σ-Δ Modulator Ground. This pin is the ground return path for the Σ-Δ modulator.
12
TXDATA
Transmit Data Pin. This pin provides the data to be transmitted in FSK or PSK mode and also controls some
ramping functionality.
13
CE
Chip Enable (1.8 V Logic). A logic low on this pin powers down the device and places the charge pump output
into three-state mode.
14
CLK
Serial Clock Input. This input is used to clock in the serial data to the registers. The data is latched into the input
shift register on the CLK rising edge. This input is a high impedance CMOS input.
15
DATA
Serial Data Input. The serial data is loaded MSB first; the three LSBs are the control bits. This input is a high
impedance CMOS input.
16
LE
Load Enable Input. When LE is high, the data stored in the input shift register is loaded into one of the eight
latches; the latch is selected using the control bits. This input is a high impedance CMOS input.
17
MUXOUT
Multiplexer Output. This pin allows various internal signals to be accessed externally.
18
SDVDD
Power Supply for the Digital Σ-Δ Modulator. Place decoupling capacitors to the ground plane as close as
possible to this pin.
19
DVDD
Positive Power Supply for the Digital Section. Place decoupling capacitors to the digital ground plane as close
as possible to this pin.
20, 21
SW1, SW2
Switches for Fast Lock.
22
VP
Charge Pump Power Supply. The voltage on this pin must be greater than or equal to AVDD.
23
RSET
Connecting a resistor between this pin and ground sets the maximum charge pump output current. The
relationship between ICP and RSET is as follows:
ICP_MAX = 24.48/RSET
where:
ICP_MAX = 4.8 mA.
RSET = 5.1 kΩ.
24
CP
Charge Pump Output. When the charge pump is enabled, this output provides ±ICP to the external loop filter,
which, in turn, drives the external VCO.
25
EPAD
Exposed Pad. The LFCSP has an exposed pad that must be connected to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com