Electronic Components Datasheet Search
  English  ▼

X  

ADF4159 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4159
Description  Direct Modulation/Fast Waveform Generating,
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4159 Datasheet HTML 7Page - Analog Devices ADF4159 Datasheet HTML 8Page - Analog Devices ADF4159 Datasheet HTML 9Page - Analog Devices ADF4159 Datasheet HTML 10Page - Analog Devices ADF4159 Datasheet HTML 11Page - Analog Devices ADF4159 Datasheet HTML 12Page - Analog Devices ADF4159 Datasheet HTML 13Page - Analog Devices ADF4159 Datasheet HTML 14Page - Analog Devices ADF4159 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
ADF4159
Rev. E | Page 11 of 36
THEORY OF OPERATION
REFERENCE INPUT SECTION
Figure 18 shows the reference input stage. The SW1 and SW2
switches are normally closed (NC in Figure 18). The SW3 switch
is normally open (NO in Figure 18). When power-down is
initiated, SW3 is closed, and SW1 and SW2 are opened. In this
way, no loading of the REFIN pin occurs during power-down.
BUFFER
TO R COUNTER
REFIN
100k
Ω
NC
SW2
SW3
NO
NC
SW1
POWER-DOWN
CONTROL
Figure 18. Reference Input Stage
RF INPUT STAGE
Figure 19 shows the RF input stage. The input stage is followed
by a two-stage limiting amplifier to generate the current-mode
logic (CML) clock levels required for the prescaler.
BIAS
GENERATOR
1.6V
AGND
AVDD
2k
Ω
2k
Ω
RFINB
RFINA
Figure 19. RF Input Stage
RF INT DIVIDER
The RF INT CMOS divider allows a division ratio in the PLL
feedback counter. Division ratios from 23 to 4095 are allowed.
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRAC
VALUE
MOD
VALUE
INT
VALUE
RF INT DIVIDER
N = INT + FRAC/MOD
FROM RF
INPUT STAGE
TO PFD
N COUNTER
Figure 20. RF INT Divider
25-BIT FIXED MODULUS
The ADF4159 has a 25-bit fixed modulus. This modulus allows
output frequencies to be spaced with a resolution of
fRES = fPFD/225
(1)
where fPFD is the frequency of the phase frequency detector
(PFD). For example, with a PFD frequency of 100 MHz,
frequency steps of 2.98 Hz are possible. Due to the architecture
of the Σ-Δ modulator, there is a fixed +(fPFD/226) offset on the
VCO output. To remove this offset, see the Σ-Δ Modulator
Mode section.
INT, FRAC, AND R COUNTER RELATIONSHIP
The INT and FRAC values, in conjunction with the R counter,
make it possible to generate output frequencies that are spaced
by fractions of the PFD frequency.
The RF VCO frequency (RFOUT) equation is
RFOUT = (INT + (FRAC/225)) × fPFD
(2)
where:
RFOUT is the output frequency of the external voltage
controlled oscillator (VCO).
INT is the preset divide ratio of the binary 12-bit counter
(23 to 4095).
FRAC is the numerator of the fractional division (0 to (225 − 1)).
The PFD frequency (fPFD) equation is
fPFD = REFIN × [(1 + D)/(R × (1 + T))]
(3)
where:
REFIN is the reference input frequency.
D is the REFIN doubler bit (0 or 1).
R is the preset divide ratio of the binary 5-bit programmable
reference (R) counter (1 to 32).
T is the REFIN divide-by-2 bit (0 or 1).
R COUNTER
The 5-bit R counter allows the input reference frequency (REFIN)
to be divided down to supply the reference clock to the PFD.
Division ratios from 1 to 32 are allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com