Electronic Components Datasheet Search
  English  ▼

X  

ADF4159 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF4159
Description  Direct Modulation/Fast Waveform Generating,
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF4159 Datasheet HTML 16Page - Analog Devices ADF4159 Datasheet HTML 17Page - Analog Devices ADF4159 Datasheet HTML 18Page - Analog Devices ADF4159 Datasheet HTML 19Page - Analog Devices ADF4159 Datasheet HTML 20Page - Analog Devices ADF4159 Datasheet HTML 21Page - Analog Devices ADF4159 Datasheet HTML 22Page - Analog Devices ADF4159 Datasheet HTML 23Page - Analog Devices ADF4159 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
ADF4159
Data Sheet
Rev. E | Page 20 of 36
Charge Pump Three-State
When Bit DB4 is set to 1, the charge pump is placed into three-
state mode. For normal charge pump operation, set this bit to 0.
Counter Reset
Bit DB3 is the RF counter reset bit. When this bit is set to 1, the
RF synthesizer counters are held in reset. For normal operation,
set this bit to 0.
DB31
RESERVED
CONTROL
BITS
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
NB3
NB2
NB1
0
0
0
0
1
L1
NS1
U12
0
0
RM2 RM1
0
0
U11
U10
U9
U8
U7
C3(0) C2(1) C1(1)
U9
POWER-DOWN
0
DISABLED
1
ENABLED
U10
PD POLARITY
0
NEGATIVE
1
POSITIVE
U11
LDP
0
14ns
1
6ns
NS1
N SEL
0
N WORD LOAD ON Σ-Δ CLOCK
1
N WORD LOAD DELAYED 4 CYCLES
RM2
RAMP MODE
0
CONTINUOUS SAWTOOTH
1
RM1
0
1
SINGLE RAMP BURST
1
0
SINGLE SAWTOOTH BURST
0
1
CONTINUOUS TRIANGULAR
NB2
NEGATIVE BLEED CURRENT (µA)
0
3.73
11.03
25.25
53.1
109.7
224.7
454.7
916.4
1
NB1
0
1
1
0
0
NB3
0
0
1
1
1
1
0
1
0
1
1
0
0
1
0
0
1
U7
COUNTER
RESET
0
DISABLED
1
ENABLED
U8
CP
THREE-STATE
0
DISABLED
1
ENABLED
RESERVED
NEG BLEED
CURRENT
U12
Σ-Δ RESET
0
ENABLED
1
DISABLED
L1
LOL
0
ENABLED
1
DISABLED
0
NEG BLEED EN
0
DISABLED
1
ENABLED
0
FSK
0
DISABLED
1
ENABLED
0
PSK
0
DISABLED
1
ENABLED
Figure 28. Function Register (R3) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com