Electronic Components Datasheet Search
  English  ▼

X  

AD8129 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8129
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129 Datasheet(HTML) 1 Page - Analog Devices

  AD8129 Datasheet HTML 1Page - Analog Devices AD8129 Datasheet HTML 2Page - Analog Devices AD8129 Datasheet HTML 3Page - Analog Devices AD8129 Datasheet HTML 4Page - Analog Devices AD8129 Datasheet HTML 5Page - Analog Devices AD8129 Datasheet HTML 6Page - Analog Devices AD8129 Datasheet HTML 7Page - Analog Devices AD8129 Datasheet HTML 8Page - Analog Devices AD8129 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD8129/AD8130
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Low-Cost 270 MHz
Differential Receiver Amplifiers
CONNECTION DIAGRAM
(Top View)
SO-8 (R) and Micro_SO-8 (RM)
AD8129/
AD8130
1
2
3
4
+IN
–IN
–VS
+VS
PD
OUT
REF
FB
8
7
6
5
+
FEATURES
High Speed
AD8130: 270 MHz, 1090 V/ s @ G = 1
AD8129: 200 MHz, 1060 V/ s @ G = 10
High CMRR
94 dB Min, DC to 100 kHz
80 dB Min @ 2 MHz
70 dB @ 10 MHz
High-Input Impedance: 1 M
Differential
Input Common-Mode Range
10.5 V
Low Noise
AD8130: 12.5 nV/
√Hz
AD8129: 4.5 nV/
√Hz
Low Distortion, 1 V p-p @ 5 MHz:
AD8130, –79 dBc Worst Harmonic @ 5 MHz
AD8129, –74 dBc Worst Harmonic @ 5 MHz
User-Adjustable Gain
No External Components for G = 1
Power Supply Range +4.5 V to
12.6 V
Power-Down
APPLICATIONS
High-Speed Differential Line Receiver
Differential-to-Single-Ended Converter
High-Speed Instrumentation Amp
Level-Shifting
GENERAL DESCRIPTION
The AD8129 and AD8130 are designed as receivers for the
transmission of high-speed signals over twisted-pair cables to
work with the AD8131 or AD8132 drivers. Either can be
used for analog or digital video signals and for high-speed
data transmission. The AD8129 and AD8130 are differential-
to-single-ended amplifiers with extremely high CMRR at high
frequency. Therefore, they can also be effectively used as
high-speed instrumentation amps or for converting differential
signals to single-ended signals.
The AD8129 is a low-noise high-gain (10 or greater) version
intended for applications over very long cables where signal
attenuation is significant. The AD8130 is stable at a gain of one
and can be used for those applications where lower gains are
required. Both have user adjustable gain to help compensate for
losses in the transmission line. The gain is set by the ratio of
two resistor values. The AD8129 and AD8130 have very high
input impedance on both inputs regardless of the gain setting.
The AD8129 and AD8130 have excellent common-mode rejec-
tion (70 dB @ 10 MHz) allowing the use of low cost unshielded
twisted-pair cables without fear of corruption by external noise
sources or crosstalk.
The AD8129 and AD8130 have a wide power supply range
from single 5 V supply to
±12 V, allowing wide common-mode
and differential-mode voltage ranges while maintaining signal
integrity. The wide common-mode voltage range will enable
the driver receiver pair to operate without isolation transform-
ers in many systems where the ground potential difference
between drive and receive locations is many volts. The AD8129
and AD8130 have considerable cost and performance improve-
ments over op amps and other multi-amplifier receiving solutions.
120
110
100
90
80
70
60
50
40
30
10k
100k
1M
10M
100M
FREQUENCY – Hz
Figure 1. AD8129 CMRR vs. Frequency
RF
VOUT
VIN
RG
VOUT = VIN [1+(RF/RG)]
PD
+VS
–VS
Figure 2. Typical Connection Configuration


Similar Part No. - AD8129

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8129 AD-AD8129 Datasheet
801Kb / 40P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129AR AD-AD8129AR Datasheet
801Kb / 40P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129AR-EBZ AD-AD8129AR-EBZ Datasheet
801Kb / 40P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129AR-REEL AD-AD8129AR-REEL Datasheet
801Kb / 40P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129AR-REEL7 AD-AD8129AR-REEL7 Datasheet
801Kb / 40P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
More results

Similar Description - AD8129

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8055 AD-AD8055 Datasheet
207Kb / 11P
Low Cost, 300 MHz Voltage Feedback Amplifiers
REV.B
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
logo
Analog Devices
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8129 AD-AD8129_05 Datasheet
801Kb / 40P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
logo
Analog Devices
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8129 AD-AD8129_15 Datasheet
791Kb / 41P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8130 AD-AD8130_15 Datasheet
791Kb / 41P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com