Electronic Components Datasheet Search
  English  ▼

X  

AD8129 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8129
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8129 Datasheet HTML 9Page - Analog Devices AD8129 Datasheet HTML 10Page - Analog Devices AD8129 Datasheet HTML 11Page - Analog Devices AD8129 Datasheet HTML 12Page - Analog Devices AD8129 Datasheet HTML 13Page - Analog Devices AD8129 Datasheet HTML 14Page - Analog Devices AD8129 Datasheet HTML 15Page - Analog Devices AD8129 Datasheet HTML 16Page - Analog Devices AD8129 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
REV. 0
AD8129/AD8130
–13–
FREQUENCY – Hz
–30
10k
100M
100k
1M
10M
–40
–50
–60
–70
–80
–90
–100
–110
–120
VS = 2.5V
VS = 5V, 12V
TPC 64. AD8130 Common-Mode
Rejection vs. Frequency
FREQUENCY – Hz
–30
10k
100M
100k
1M
10M
–40
–50
–60
–70
–80
–90
–100
–110
–120
VS = 5V, 12V
VS = 2.5V
TPC 67. AD8129 Common-Mode
Rejection vs. Frequency
FREQUENCY – Hz
80
1k
70
60
50
40
30
20
10
0
–10
10k
100k
1M
10M
100M 300M
180
135
90
45
0
φ
M = 58
2pF
1k
VOUT
+
–
+
–
1k
VIN
1k
PHASE
GAIN
TPC 70. AD8130 Open Loop Gain
and Phase vs. Frequency
FREQUENCY – Hz
0
1k
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10k
100k
1M
10M
100M
VS = 2.5V
VS = 5V
VS = 12V
TPC 65. AD8130 Positive Power
Supply Rejection vs. Frequency
FREQUENCY – Hz
0
1k
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10k
100k
1M
10M
100M
VS = 12V
VS = 2.5V
VS = 5V
TPC 68. AD8129 Positive Power
Supply Rejection vs. Frequency
FREQUENCY – Hz
80
1k
70
60
50
40
30
20
10
0
90
10k
100k
1M
10M
100M 300M
180
135
90
45
0
2pF
1k
VOUT
100
VIN
1k
φ
M = 56
PHASE
GAIN
TPC 71. AD8129 Open Loop Gain
and Phase vs. Frequency
FREQUENCY – Hz
0
1k
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10k
100k
1M
10M
100M
VS = 2.5V
VS = 12V
VS = 5V
TPC 66. AD8130 Negative Power
Supply Rejection vs. Frequency
FREQUENCY – Hz
0
1k
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10k
100k
1M
10M
100M
VS = 5V
VS = 2.5V
VS = 12V
TPC 69. AD8129 Negative Power
Supply Rejection vs. Frequency
FREQUENCY – Hz
100
1k
10
1
100m
10m
1m
10k
100k
1M
10M
100M
AD8130, G = 1
AD8129, G = 10
VS = 5V
TPC 72. Closed-Loop Output
Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com