Electronic Components Datasheet Search
  English  ▼

X  

AD8129 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8129
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8129 Datasheet HTML 5Page - Analog Devices AD8129 Datasheet HTML 6Page - Analog Devices AD8129 Datasheet HTML 7Page - Analog Devices AD8129 Datasheet HTML 8Page - Analog Devices AD8129 Datasheet HTML 9Page - Analog Devices AD8129 Datasheet HTML 10Page - Analog Devices AD8129 Datasheet HTML 11Page - Analog Devices AD8129 Datasheet HTML 12Page - Analog Devices AD8129 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
REV. 0
AD8129/AD8130
–9–
0.8
0.6
0.4
0.2
0
–0.2
0.2
0
–0.2
–0.4
–0.6
1
10
100
300
FREQUENCY – MHz
G = 10
VS = 5V
SOIC
SOIC
2k /221
909 /100
499 /54.9
2k /221
909 /100
499 /54.9
TPC 28. AD8129 Fine Scale Response
vs. SOIC and
µSOIC for Various RF/RG
FREQUENCY – MHz
3
1
300
10
100
0
–3
–4
–5
–6
–7
–2
–1
1
2
G = 20
RL = 150
VS = 5V, 12V
VS = 2.5V
TPC 31. AD8129 Frequency Response
vs. Supply, G = 20, RL = 150
Ω
FREQUENCY – MHz
3
0.1
50
110
0
–3
–4
–5
–6
–7
–2
–1
1
2
RL = 150
VS = 2.5V
VS = 5V
VS = 12V
G = 50
G = 100
TPC 34. AD8129 Frequency Response
vs. Supply, G = 50, G = 100,
RL = 150
Ω
FREQUENCY – MHz
0.2
1
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
10
30
G = 20
RL = 1k
VS = 2.5V
VS = 5V
VS = 12V
TPC 29. AD8129 Fine Scale Response
vs. Supply
FREQUENCY – MHz
0.2
0.1
110
–0.1
–0.4
–0.5
–0.6
–0.7
–0.8
–0.3
–0.2
0
0.1
VOUT = 2V p-p
VS = 2.5V
VS = 5V
G = 100
VS = 12V
G = 50
VS = 12V
TPC 32. AD8129 Fine Scale Response
vs. Supply, G = 50, G = 100,
VOUT = 2 V p-p
FREQUENCY – MHz
12
10
6
0
–6
–12
–18
–24
–30
–36
–42
–48
100
400
VS = 5V
0dB = 1V RMS
TPC 35. AD8129 Frequency Response
for Various Output Levels
FREQUENCY – MHz
0.3
0.1
30
110
0
–0.3
–0.4
–0.5
–0.6
–0.7
–0.2
–0.1
0.1
0.2
G = 20
RL = 150
VS = 2.5V
VS = 5V, 12V
TPC 30. AD8129 Fine Scale Response
vs. Supply
FREQUENCY – MHz
3
0.1
50
110
0
–3
–4
–5
–6
–7
–2
–1
1
2
VOUT = 2V p-p
VS = 2.5V
VS = 5V
VS = 12V
G = 50
G = 100
TPC 33. AD8129 Frequency Response
vs. Supply, G = 50, G = 100,
VOUT = 2 V p-p
1
8
4
5
6
RF
RG
TEK P6245
FET PROBE
10
20
50
100
RF
GRG
2k
2k
2k
2k
221
105
41.2
20
RL
CL
50
TPC 36. AD8129 Basic Frequency
Response Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com