Electronic Components Datasheet Search
  English  ▼

X  

AD8129 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8129
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8129 Datasheet HTML 15Page - Analog Devices AD8129 Datasheet HTML 16Page - Analog Devices AD8129 Datasheet HTML 17Page - Analog Devices AD8129 Datasheet HTML 18Page - Analog Devices AD8129 Datasheet HTML 19Page - Analog Devices AD8129 Datasheet HTML 20Page - Analog Devices AD8129 Datasheet HTML 21Page - Analog Devices AD8129 Datasheet HTML 22Page - Analog Devices AD8129 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
REV. 0
AD8129/AD8130
–19–
TOTAL SUPPLY VOLTAGE – V
15
9
05
30
10
15
20
25
14
13
12
11
10
TPC 118. Quiescent Power Supply
Current vs. Total Supply Voltage
VOUT = 100mV
AC AT 1kHz
4.00
3.75
3.50
3.25
3.00
2.75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
–50 –35 –20 –5102540557085 100
TEMPERATURE – C
AD8130
AD8129
AD8130
AD8129
VS = 5V
TPC 121. Common-Mode Voltage
Range vs. Temperature, Typical 1%
Gain Compression
OUTPUT CURRENT – mA
4.0
0
3.5
3.0
2.0
1.5
1.0
5
10
15
20253035
40
SINKING
VS = 5V
SOURCING
+100 C –40 C +25 C
VOUT = 100mV
AC AT 1kHz
TPC 124. Output Voltage Range vs.
Output Current, Typical 1% Gain
Compression
TEMPERATURE – C
17
–50
16
15
14
13
12
11
10
9
8
7
–35 –20 –510 25
4055 70
85 100
VS = 12V
VS = 5V
VS = 2.5V
TPC 119. Quiescent Power Supply
Current vs. Temperature
TEMPERATURE – C
4.00
–50
3.75
3.50
3.25
3.00
2.75
–3.00
–3.25
–3.50
–3.75
–4.00
–35 –20 –510 25
4055 70
85 100
AD8130
AD8129
VS = 5V
AD8130
AD8129
VOUT = 100mV
AC AT 1kHz
TPC 122. Common-Mode Voltage
Range vs. Temperature, Typical 1%
Gain Compression
OUTPUT CURRENT – mA
4.0
0
3.5
3.0
–3.0
–3.5
–4.0
5
10
15
20253035
40
VS = 5V
+100 C –40 C +25 C
VOUT = 100mV
AC AT 1kHz
TPC 125. Output Voltage Range vs.
Output Current, Typical 1% Gain
Compression
TEMPERATURE – C
0.60
0.15
–50
0.45
0.30
–35 –20 –510
25 4055
70 85 100
40
10
30
20
IB
IOS
TPC 120. Input Bias Current and
Input Offset Current vs. Temperature
TEMPERATURE – C
11.0
–50
10.5
10.0
9.5
9.0
8.5
–9.0
–9.5
–10.0
–10.5
–11.0
–35 –20 –510 25
4055 70
85 100
AD8130
AD8129
VS = 12V
AD8130
AD8129
VOUT = 100mV
AC AT 1kHz
TPC 123. Common-Mode Voltage
Range vs. Temperature, Typical 1%
Gain Compression
OUTPUT CURRENT – mA
11
0
10
9
–9
–10
–11
5
10
15
20253035
40
+100 C –40 C +25 C
VS = 12V
VOUT = 100mV
AC AT 1kHz
TPC 126. Output Voltage Range vs.
Output Current, Typical 1% Gain
Compression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com