Electronic Components Datasheet Search
  English  ▼

X  

LM4908 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4908
Description  10kV ESD Rated, Dual 120 mW Headphone Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4908 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM4908 Datasheet HTML 13Page - National Semiconductor (TI) LM4908 Datasheet HTML 14Page - National Semiconductor (TI) LM4908 Datasheet HTML 15Page - National Semiconductor (TI) LM4908 Datasheet HTML 16Page - National Semiconductor (TI) LM4908 Datasheet HTML 17Page - National Semiconductor (TI) LM4908 Datasheet HTML 18Page - National Semiconductor (TI) LM4908 Datasheet HTML 19Page - National Semiconductor (TI) LM4908 Datasheet HTML 20Page - National Semiconductor (TI) LM4908 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
LM4908 MDC MWC
Dual 120MW Headphone Amplifier
20075263
Die Layout (A - Step)
DIE/WAFER CHARACTERISTICS
Fabrication Attributes
General Die Information
Physical Die Identification
LM4908A
Bond Pad Opening Size (min)
70µm x 70µm
Die Step
A
Bond Pad Metalization
ALUMINUM
Physical Attributes
Passivation
NITRIDE
Wafer Diameter
150mm
Back Side Metal
BARE BACK
Dise Size (Drawn)
889µm x 622µm
35.0mils x 24.5mils
Back Side Connection
Floating
Thickness
216µm Nominal
Min Pitch
216µm Nominal
Special Assembly Requirements:
Note: Actual die size is rounded to the nearest micron.
Die Bond Pad Coordinate Locations (A - Step)
(Referenced to die center, coordinates in µm) NC = No Connection, N.U. = Not Used
SIGNAL NAME
PAD# NUMBER
X/Y COORDINATES
PAD SIZE
XYX
Y
INPUT B+
1
-367
232
70
x
70
INPUT B-
2
-367
15
70
x
70
OUTPUT B
3
-367
-232
70
x
70
VDD
4
35
-232
155
x
70
OUTPUT A
5
367
-232
70
x
70
INPUT A-
6
367
15
70
x
70
INPUT A+
7
367
232
70
x
70
GND
8
68
232
155
x
70
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com