Electronic Components Datasheet Search
  English  ▼

X  

LM4908 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4908
Description  10kV ESD Rated, Dual 120 mW Headphone Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4908 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4908 Datasheet HTML 1Page - National Semiconductor (TI) LM4908 Datasheet HTML 2Page - National Semiconductor (TI) LM4908 Datasheet HTML 3Page - National Semiconductor (TI) LM4908 Datasheet HTML 4Page - National Semiconductor (TI) LM4908 Datasheet HTML 5Page - National Semiconductor (TI) LM4908 Datasheet HTML 6Page - National Semiconductor (TI) LM4908 Datasheet HTML 7Page - National Semiconductor (TI) LM4908 Datasheet HTML 8Page - National Semiconductor (TI) LM4908 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM4908
10kV ESD Rated, Dual 120 mW Headphone Amplifier
General Description
The LM4908 is a dual audio power amplifier capable of
delivering 120mW per channel of continuous average power
into a 16
Ω load with 0.1% (THD+N) from a 5V power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components using surface mount packaging. Since
the LM4908 does not require bootstrap capacitors or snub-
ber networks, it is optimally suited for low-power portable
systems.
The unity-gain stable LM4908 can be configured by external
gain-setting resistors.
Key Specifications
j THD+N at 1kHz at 120mW
continuous average output power
into 16
Ω
0.1% (typ)
j THD+N at 1kHz at 75mW
continuous average output power
into 32
Ω
0.1% (typ)
j Output power at 0.1% THD+N
at 1kHz into 32
Ω
75mW (typ)
Features
n
Up to 10kV ESD protection on all pins
n
MSOP, SOP, and LLP surface mount packaging
n
Switch on/off click suppression
n
Excellent power supply ripple rejection
n
Unity-gain stable
n
Minimum external components
Applications
n
Headphone Amplifier
n
Personal Computers
n
Portable electronic devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20075201
*Refer to the Application Information Section for information concerning proper selection of the input and output coupling capacitors.
FIGURE 1. Typical Audio Amplifier Application Circuit
February 2004
© 2004 National Semiconductor Corporation
DS200752
www.national.com


Similar Part No. - LM4908

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4908 TI-LM4908_15 Datasheet
635Kb / 22P
10kV ESD Rated, Dual 120 mW Headphone Amplifier
More results

Similar Description - LM4908

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4808 NSC-LM4808 Datasheet
674Kb / 13P
Dual 105 mW Headphone Amplifier
LM4881 NSC-LM4881 Datasheet
413Kb / 11P
Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
List of Unclassifed Man...
HWD2108 ETC1-HWD2108 Datasheet
944Kb / 18P
Dual 105 mW Headphone Amplifier
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
LM4881 TI-LM4881_15 Datasheet
476Kb / 15P
Dual 200 mW Headphone Amplifier with Shutdown Mode
LM4908 TI-LM4908_15 Datasheet
635Kb / 22P
10kV ESD Rated, Dual 120 mW Headphone Amplifier
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com