Electronic Components Datasheet Search
  English  ▼

X  

LM4908 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4908
Description  10kV ESD Rated, Dual 120 mW Headphone Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4908 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4908 Datasheet HTML 1Page - National Semiconductor (TI) LM4908 Datasheet HTML 2Page - National Semiconductor (TI) LM4908 Datasheet HTML 3Page - National Semiconductor (TI) LM4908 Datasheet HTML 4Page - National Semiconductor (TI) LM4908 Datasheet HTML 5Page - National Semiconductor (TI) LM4908 Datasheet HTML 6Page - National Semiconductor (TI) LM4908 Datasheet HTML 7Page - National Semiconductor (TI) LM4908 Datasheet HTML 8Page - National Semiconductor (TI) LM4908 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical Characteristics (Notes 2, 3) (Continued)
The following specifications apply for V
DD = 5V unless otherwise specified, limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
LM4908
Units
(Limits)
Typ
(Note 7)
Limit
(Note 8)
C
L
Load Capacitance
200
pF
SR
Slew Rate
Unity Gain Inverting
3
V/µs
Electrical Characteristics (Notes 2, 3)
The following specifications apply for V
DD = 3.3V unless otherwise specified, limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
Conditions
Units
(Limits)
Typ
(Note 7)
Limit
(Note 8)
I
DD
Supply Current
V
IN = 0V, IO = 0A
1.4
mA (max)
V
OS
Input Offset Voltage
V
IN = 0V
5
mV (max)
P
o
Output Power
THD+N = 0.1%,f=1kHz
R
L =16
Ω
43
mW
R
L =32
Ω
30
mW
THD+N = 10%,f=1kHz
R
L =16
Ω
61
mW
R
L =32
Ω
41
mW
Electrical Characteristics (Notes 2, 3)
The following specifications apply for V
DD = 2.6V unless otherwise specified, limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
Conditions
Units
(Limits)
Typ
(Note 7)
Limit
(Note 8)
I
DD
Supply Current
V
IN = 0V, IO = 0A
1.3
mA (max)
V
OS
Input Offset Voltage
V
IN = 0V
5
mV (max)
P
o
Output Power
THD+N = 0.1%,f=1kHz
R
L =16
Ω
20
mW
R
L =32
Ω
16
mW
THD+N = 10%,f=1kHz
R
L =16
Ω
34
mW
R
L =32
Ω
24
mW
Note 2: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 3: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX −TA)/ θJA. For the LM4908, TJMAX = 150˚C, and the typical junction-to-ambient thermal resistance, when board
mounted, is 210˚C/W for package MUA08A and 170˚C/W for package M08A.
Note 5: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 6: Machine Model, 220pF–240pF discharged through all pins.
Note 7: Typicals are measured at 25˚C and represent the parametric norm.
Note 8: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level). Datasheet min/max specification limits are guaranteed by design, test,
or statistical analysis.
Note 9: The given
θJA is for an LM4908 packaged in an LQB08A with the Exposed-DAP soldered to a printed circuit board copper pad with an area equivalent to
that of the Exposed-DAP itself.
Note 10: The given
θJA is for an LM4908 packaged in an LQB08A with the Exposed-DAP not soldered to any printed circuit board copper.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com