Electronic Components Datasheet Search
  English  ▼

X  

LM4908 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4908
Description  10kV ESD Rated, Dual 120 mW Headphone Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4908 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4908 Datasheet HTML 10Page - National Semiconductor (TI) LM4908 Datasheet HTML 11Page - National Semiconductor (TI) LM4908 Datasheet HTML 12Page - National Semiconductor (TI) LM4908 Datasheet HTML 13Page - National Semiconductor (TI) LM4908 Datasheet HTML 14Page - National Semiconductor (TI) LM4908 Datasheet HTML 15Page - National Semiconductor (TI) LM4908 Datasheet HTML 16Page - National Semiconductor (TI) LM4908 Datasheet HTML 17Page - National Semiconductor (TI) LM4908 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Application Information (Continued)
Also, careful consideration must be taken in selecting a
certain type of capacitor to be used in the system. Different
types of capacitors (tantalum, electrolytic, ceramic) have
unique performance characteristics and may affect overall
system performance.
Bypass Capacitor Value
Besides minimizing the input capacitor size, careful consid-
eration should be paid to the value of the bypass capacitor,
C
B. Since CB determines how fast the LM4908 settles to
quiescent operation, its value is critical when minimizing
turn-on pops. The slower the LM4908’s outputs ramp to their
quiescent DC voltage (nominally 1/2 V
DD), the smaller the
turn-on pop. Choosing C
B equal to 1.0µF or larger, will
minimize turn-on pops. As discussed above, choosing C
i no
larger than necessary for the desired bandwith helps mini-
mize clicks and pops.
AUDIO POWER AMPLIFIER DESIGN
Design a Dual 70mW/32
Ω Audio Amplifier
Given:
Power Output
70mW
Load Impedance
32
Ω
Input Level
1Vrms (max)
Input Impedance
20k
Ω
Bandwidth
100Hz–20kHz ± 0.50dB
The design begins by specifying the minimum supply voltage
necessary to obtain the specified output power. One way to
find the minimum supply voltage is to use the Output Power
vs Supply Voltage curve in the Typical Performance Char-
acteristics section. Another way, using Equation (5), is to
calculate the peak output voltage necessary to achieve the
desired output power for a given load impedance. To ac-
count for the amplifier’s dropout voltage, two additional volt-
ages, based on the Dropout Voltage vs Supply Voltage in the
Typical Performance Characteristics curves, must be
added to the result obtained by Equation (5). For a single-
ended application, the result is Equation (6).
(5)
V
DD
≥ (2V
OPEAK +(VODTOP +VODBOT))
(6)
The Output Power vs Supply Voltage graph for a 32
Ω load
indicates a minimum supply voltage of 4.8V. This is easily
met by the commonly used 5V supply voltage. The additional
voltage creates the benefit of headroom, allowing the
LM4908 to produce peak output power in excess of 70mW
without clipping or other audible distortion. The choice of
supply voltage must also not create a situation that violates
maximum power dissipation as explained above in the
Power Dissipation section. Remember that the maximum
power dissipation point from Equation (1) must be multiplied
by two since there are two independent amplifiers inside the
package. Once the power dissipation equations have been
addressed, the required gain can be determined from Equa-
tion (7).
(7)
Thus, a minimum gain of 1.497 allows the LM4908 to reach
full output swing and maintain low noise and THD+N perfro-
mance. For this example, let A
V = 1.5.
The amplifiers overall gain is set using the input (R
i ) and
feedback (R
f ) resistors. With the desired input impedance
set at 20k
Ω, the feedback resistor is found using Equation
(8).
A
V =Rf/Ri
(8)
The value of R
f is 30k
Ω.
The last step in this design is setting the amplifier’s −3db
frequency bandwidth. To achieve the desired ±0.25dB pass
band magnitude variation limit, the low frequency response
must extend to at lease one−fifth the lower bandwidth limit
and the high frequency response must extend to at least five
times the upper bandwidth limit. The gain variation for both
response limits is 0.17dB, well within the ±0.25dB desired
limit. The results are an
f
L = 100Hz/5 = 20Hz
(9)
and a
f
H = 20kHz
*
5 = 100kHz
(10)
As stated in the External Components section, both R
i in
conjunction with C
i, and Co with RL, create first order high-
pass filters. Thus to obtain the desired low frequency re-
sponse of 100Hz within ±0.5dB, both poles must be taken
into consideration. The combination of two single order filters
at the same frequency forms a second order response. This
results in a signal which is down 0.34dB at five times away
from the single order filter −3dB point. Thus, a frequency of
20Hz is used in the following equations to ensure that the
response is better than 0.5dB down at 100Hz.
C
i
≥ 1/(2π *20kΩ * 20 Hz) = 0.397µF; use 0.39µF.
C
o
≥ 1/(2π *32Ω * 20 Hz) = 249µF; use 330µF.
The high frequency pole is determined by the product of the
desired high frequency pole, f
H, and the closed-loop gain,
A
V. With a closed-loop gain of 1.5 and fH = 100kHz, the
resulting GBWP = 150kHz which is much smaller than the
LM4908’s GBWP of 3MHz. This figure displays that if a
designer has a need to design an amplifier with a higher
gain, the LM4908 can still be used without running into
bandwidth limitations.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com