Electronic Components Datasheet Search
  English  ▼

X  

PE3293 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PE3293
Description  1.8GHz/550MHz Dual Fractional-N Ultra-Low Spurious PLL for Frequency Synthesis
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PE3293 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PE3293 Datasheet HTML 1Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 2Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 3Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 4Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 5Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 6Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 7Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 8Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PE3293
Product Specification
Copyright
Peregrine Semiconductor Corp. 2003
File No. 70/0015~02C
| UTSi  CMOS RFIC SOLUTIONS
Page 2 of 18
Figure 2. Pin Configuration: TSSOP (JEDEC MO-153-AC)
Table 1. Pin Descriptions
Pin No.
Pin Name
Type
Description
1
N / C
No connect.
2
VDD
(Note 1)
Power supply voltage input. Input may range from 2.7 V to 3.3 V. A bypass capacitor should be placed as
close as possible to this pin and be connected directly to the ground plane.
3
CP1
Output
Internal charge-pump output from PLL1 for connection to a loop filter for driving the input of an external VCO.
4
GND
Ground.
5
fin1
Input
Prescaler input from the PLL1 (RF) VCO. Maximum frequency is 1.8 GHz.
6
Dec1
Power supply decoupling pin for PLL1. A capacitor should be placed as close as possible to this pin and be
connected directly to the ground plane.
7
VDD1
PLL1 prescaler power supply. 3.3 kohm resistor to VDD.
8
fr
Input
Reference frequency input.
9
GND
Ground.
10
foLD
Output
Multiplexed output of the PLL1 and PLL2 main counters or reference counters, Lock Detect signals, and data
out of the shift register. CMOS output (see Table 11, foLD Programming Truth Table).
11
Clock
Input
CMOS clock input. Serial data for the various counters is clocked in on the rising edge into the 21-bit shift
register.
12
Data
Input
Binary serial data input. CMOS input data entered MSB first. The two LSBs are the control bits.
13
LE
Input
Load Enable CMOS input. When LE is high, data word stored in the 21-bit serial shift register is loaded into
one of the four appropriate latches (as assigned by the control bits).
14
VDD2
Output
PLL2 prescaler power supply. 3.3 kohm resistor to VDD.
15
Dec2
Output
Power supply decoupling pin for PLL2. A capacitor should be placed as close as possible to this pin and be
connected directly to the ground plane.
16
fin2
Input
Prescaler input from the PLL2 (IF) VCO. Maximum frequency is 550 MHz.
17
GND
Ground.
18
CP2
Output
Internal charge-pump output for PLL2. For connection to a loop filter for driving the input of an external VCO.
19
VDD
(Note 1)
Same as pin 2.
20
VDD
(Note 1)
Same as pin 2.
Note 1: VDD pins 2, 19, and 20 are connected by diodes and must be supplied with the same voltage level.
N/C
1
V
DD
2
CP1
3
GND
4
f
in1
5
Dec1
6
V
DD1
7
f
r
8
GND
9
f
oLD
10
Clock
11
Data
12
LE
13
V
DD2
14
DEC2
15
f
in2
16
GND
17
CP2
18
V
DD
19
V
DD
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com