Electronic Components Datasheet Search
  English  ▼

X  

PE3293 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PE3293
Description  1.8GHz/550MHz Dual Fractional-N Ultra-Low Spurious PLL for Frequency Synthesis
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PE3293 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PE3293 Datasheet HTML 7Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 8Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 9Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 10Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 11Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 12Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 13Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 14Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PE3293
Product Specification
PEREGRINE SEMICONDUCTOR CORP.  | http://www.peregrine-semi.com
Copyright
Peregrine Semiconductor Corp. 2003
Page 11 of 18
Table 11. foLD Programming Truth Table
X = don’t care condition
foLD
Output State
C14
(PLL1F0)
C13
(PLL1LD)
C24
(PLL2F0)
C23
(PLL2LD)
Disabled (Note 1)
0
0
0
0
PLL 1 Lock detect
(Note 2) (LD1)
0
1
0
0
PLL2 Lock detect
(Note 2) (LD2)
0
0
0
1
PLL1 / PLL2 Lock detect
(Note 2)
0
1
0
1
PLL1 Reference divider output (fc1)
1
X
0
0
PLL2 Reference divider output (fc2)
0
X
1
0
PLL1 Programmable divider output (fp1)
1
X
0
1
PLL2 Programmable divider output (fp2)
0
X
1
1
Serial data out
1
0
1
0
Reserved
1
0
1
1
Reserved
1
1
1
0
Counter reset (Note 3)
1
1
1
1
Note 1: When the foLD is disabled the output is a CMOS LOW.
Note 2: Lock detect indicates when the VCO frequency is in “lock”. When PLL1 is in lock and PLL1 lock detect is selected, the foLD pin will be HIGH with
narrow pulses LOW. When PLL2 is in lock and PLL2 lock detect is selected, the foLD pin will be HIGH with narrow pulses LOW. When PLL1 / PLL2 lock
detect is selected the foLD pin will be HIGH with narrow pulses LOW only when both PLL1 and PLL2 are in lock.
Note 3: The counter reset state when activated resets all counters. Upon removal of the reset, counters M, A, and F resume counting in
close alignment with the R counter (the maximum error is one prescaler cycle). The reset bits can be activated to allow smooth
acquisition upon powering up.
Programming the Pre-scaler
P2 and P1 are used for internal testing of the prescaler and must be programmed with 0,0 for normal
PLL operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com