Electronic Components Datasheet Search
  English  ▼

X  

PE3293 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PE3293
Description  1.8GHz/550MHz Dual Fractional-N Ultra-Low Spurious PLL for Frequency Synthesis
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PE3293 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PE3293 Datasheet HTML 9Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 10Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 11Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 12Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 13Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 14Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 15Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 16Page - List of Unclassifed Manufacturers PE3293 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
PE3293
Product Specification
PEREGRINE SEMICONDUCTOR CORP.  | http://www.peregrine-semi.com
Copyright
Peregrine Semiconductor Corp. 2003
Page 13 of 18
Loop Filter
Second/Third Order Loops
Choosing the optimum loop filter for a design
encompasses many trade offs. The rule of thumb
for choosing the loop filter bandwidth is 10 percent
of the step size. A second order loop (C1 C2 R2 and
C4 C5 R5 in Figure 9 omitting C3 R3 C6 and R6) will
provide the least amount of components and the
fastest lock times. If lock time is an issue, one might
try opening up the loop filter, although if it is too
wide, instability will dominate and worsen lock time.
If lock time is not an issue, a narrower second order
filter will minimize residual FM without requiring
additional components.
Third Order loop filters (C1 C2 R2 C3 R3 and C4 C5 R5
C6 R6 in Figure 9) provide a good compromise
between lock time and residual FM. We have found
using a third order loop with 20 dB of rejection at the
step size will halve the Residual FM as measured
with a similar second order loop, with minimum
effect on lock time.
Loop Filter Bandwidth Design Considerations
As part of the spur compensation circuitry, the
PE329x series PLLs contain capacitors to ground
internal to the charge pump. PLL1 contains a 50 pF
capacitor and PLL2 contains a 100 pF capacitor.
To ensure accurate loop filter calculations, it is
critical that the calculated value of the first shunt
capacitor (C1 & C4 in Figure 11) be at least 100 pF
for PLL1 and 200 pF for PLL2. With this
requirement satisfied, the remaining loop
components can be calculated.
For a stable loop, it is also important that the loop
bandwidth be less than or equal to one tenth of the
step size.
Digital Control Lines
Control Line Noise
We have noticed frequency jitter during programming
when a low impedance, such as a capacitor to
ground, is placed next to any control line pin (clock,
data, and load enable). The use of a 51 k ohm
resistor in series with the control line will eliminate
the problem with no effect to programming time.
Enable Line Voltage
The PE329x series PLLs use a level sensitive load
enable. Therefore the digital controller must provide
an active low to the part at all times except when the
data is to be loaded into the shift register. If the PLL
controller does not hold the voltage low, a high
impedance resistor to ground should be added to the
enable line to ensure stable operation.
5 Volt Operation:
The PE329x series PLLs are not capable of
accepting control voltages greater than 3.3 volts.
Interface to 5 volt controllers requires the addition of
resistor dividers to comply with the 3.3 volt maximum
operation voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com