Electronic Components Datasheet Search
  English  ▼

X  

MICRF010 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF010
Description  QwikRadio Low-Power UHF Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF010 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF010 Datasheet HTML 4Page - Micrel Semiconductor MICRF010 Datasheet HTML 5Page - Micrel Semiconductor MICRF010 Datasheet HTML 6Page - Micrel Semiconductor MICRF010 Datasheet HTML 7Page - Micrel Semiconductor MICRF010 Datasheet HTML 8Page - Micrel Semiconductor MICRF010 Datasheet HTML 9Page - Micrel Semiconductor MICRF010 Datasheet HTML 10Page - Micrel Semiconductor MICRF010 Datasheet HTML 11Page - Micrel Semiconductor MICRF010 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Micrel
MICRF010
June 2005
8
M9999-063005
(408) 955-1690
when the devices are used in duty-cycled operation.
To further enhance duty-cycled operation, the AGC push
and pull currents are boosted for approximately 10ms
immediately after the device is taken out of shutdown. This
compensates for AGC capacitor voltage drop and reduces
the time to restore the correct AGC voltage. The current is
boosted by a factor of 45.
Selecting CAGC Capacitor in Continuous Mode
A CAGC capacitor in the range of 0.47µF to 4.7µF is
typically recommended. Caution! If the capacitor is too
large, the AGC may react too slowly to incoming signals.
AGC settling time, from a completely discharged (zero-volt)
state is given approximately by Equation 6:
(6)
∆t = 1.333 × C
AGC − 0.44
where:
CAGC is in µF, and ∆t is in seconds.
Selecting CAGC Capacitor in Duty-Cycle Mode
Voltage droop across the CAGC capacitor during shutdown
should be replenished as quickly as possible after the IC is
enabled. As mentioned above, the MICRF010 boosts the
push-pull current by a factor of 45 immediately after start-
up. This fixed time period is based on the reference
oscillator frequency fT. The time is 10.9ms for fT =
12.00MHz, and varies inversely with fT. The value of CAGC
capacitor and the duration of the shutdown time period
should be selected such that the droop can be replenished
within this 10ms period.
Polarity of the droop is unknown, meaning the AGC voltage
could droop up or down. The worst-case from a recovery
standpoint is downward droop, since the AGC pull-up
current is 1/10th magnitude of the pull-down current. The
downward droop is replenished according to the Equation
7:
I
CAGC
=
∆V
∆t
(7)
where:
I = AGC pull-up current for the initial 10ms (67.5µA)
CAGC = AGC capacitor value
∆t = drop recovery time
∆V = drop voltage
For example, if user desires
∆t = 10ms and chooses a
4.7µF CAGC, the allowable droop is about 144mV. Using
the same equation with 200nA, the worst-case pin leakage,
and assuming 1µA of capacitor leakage in the same
direction, the maximum allowable
∆t (shutdown time) is
about 0.56s for droop recovery in 10ms.
The ratio of decay-to-attack time-constant is fixed at 1:10
(that is, the attack time constant is 10 times of the decay
time constant). Generally the design value of 1:10 is
adequate for the vast majority of applications. If adjustment
is required, adding a resistor in parallel of the CAGC
capacitor may vary the ratio. The value of the resistor must
be determined on a case-by-case basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14