Electronic Components Datasheet Search
  English  ▼

X  

MICRF010 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF010
Description  QwikRadio Low-Power UHF Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF010 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF010 Datasheet HTML 6Page - Micrel Semiconductor MICRF010 Datasheet HTML 7Page - Micrel Semiconductor MICRF010 Datasheet HTML 8Page - Micrel Semiconductor MICRF010 Datasheet HTML 9Page - Micrel Semiconductor MICRF010 Datasheet HTML 10Page - Micrel Semiconductor MICRF010 Datasheet HTML 11Page - Micrel Semiconductor MICRF010 Datasheet HTML 12Page - Micrel Semiconductor MICRF010 Datasheet HTML 13Page - Micrel Semiconductor MICRF010 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Micrel
MICRF010
June 2005
12
M9999-063005
(408) 955-1690
Application Example: 433.92Mhz, 1000 bps Manchester Encoded On-Off Keyed Receiver
17cm 22 AWG MAGNET WIRE
Bill of Materials
Item
Qty Reference
Value
Description
Manufacturer
Part#
CAPACITORS
2
1
C3
5.6pF
5.6pF Capacitor, 0603, 50VDC, ±5%
MuRata
GRM1885C1H5R6DZ01B
4
1
C7
100pF
100pF Capacitor, 0603, 50VDC, ±5%
MuRata
GRM1885C1H101JA01B
1
1
C2
4.7pF
4.7pF Capacitor, 0603, 50VDC, ±5%
MuRata
GRM1885C1H4R7CZ01B
51
C8B
NL
6
1
C8
0.47uF
0.47uF Capacitor, 0603, 25VDC, ±10%
MuRata
GRM188R61A474KA61B
7
1
C9
100nF
100nF Capacitor, 0603, 25VDC, ±10%
MuRata
GRM188R71E104KA01B
3
2
C5,C10
4.7uF
4.7uF Capacitor, 0805, 10VDC, +80-20%
MuRata
GRM21BF51A475ZA01B
CONNECTORS
8
1
J2
4 Pin Header 4 Pin Header
Major League Electronics TSHS-148-S-06-A-GT
9
1
J1
ANTENNA
17cm 22 AWG magnet wire
Consolidated
INDUCTORS
11
1
L3
30nH
30nH Inductor, 0603, ±5%
Coilcraft
0603CS-30NXJB
12
1
L5
24nH
24nH Inductor, 0603, ±5%
Coilcraft
0603CS-24NXJB
13
3
L6,L7,L9
ZCB-0603
Ferrite bead, >600 Ohm @ 100MHz
ACT
ZCB-0603
14
1
L8
UL
Ferrite bead, >600 Ohm @ 100MHz
ACT
ZCB-0603
RESISTORS
15
1
R4
100K
VISHAY
CRCW06031003F
16
2
R5, R6
UL
SEMICONDUCTORS
17
1
U1
MICRF010BM 300-440MHz UHF Receiver
MICREL
MICRF010BM
18
1
Y1
13.4916MHz 10pF, no built-in capacitor
Abracon
ABl-13.4916MHz-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com