Electronic Components Datasheet Search
  English  ▼

X  

MICRF010 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF010
Description  QwikRadio Low-Power UHF Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF010 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF010 Datasheet HTML 6Page - Micrel Semiconductor MICRF010 Datasheet HTML 7Page - Micrel Semiconductor MICRF010 Datasheet HTML 8Page - Micrel Semiconductor MICRF010 Datasheet HTML 9Page - Micrel Semiconductor MICRF010 Datasheet HTML 10Page - Micrel Semiconductor MICRF010 Datasheet HTML 11Page - Micrel Semiconductor MICRF010 Datasheet HTML 12Page - Micrel Semiconductor MICRF010 Datasheet HTML 13Page - Micrel Semiconductor MICRF010 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Micrel
MICRF010
June 2005
11
M9999-063005
(408) 955-1690
Additional Applications Information
In addition to the basic operation of the MICRF010, the
following enhancements can be made. In particular, it is
strongly recommended that the antenna impedance is
matched to the input of the IC.
Antenna Impedance Matching
Figure 7. Antenna Pin Input Impedance
Figure 7 and Table 2 presents the antenna pin input
impedance. The Antenna pin can be matched to 50Ω with
a high pass circuit as shown in Figure 8. That is, a shunt
inductor from the ANT Pin to ground and a series capacitor
from ANT Pin to the antenna.
Figure 8. Antenna with Matching Network to ANT Pin
Inductor values may be different from Table 2, depending
on PCB material, PCB thickness, ground configuration, and
how long the traces are in the layout. Values shown were
characterized for a 0.031 inch thickness, FR4 board, solid
ground plane on bottom layer, and very short traces.
MuRata and Coilcraft wire-wound 0603 or 0805 surface
mount inductors were tested, however, any wire-wound
inductor with high SRF (self-resonance frequency) should
do the job.
Frequency
(Mhz)
S11
Mag, angle
Z11, ohms
C3, pF
L2, nH
300
0.944,-36.65
14.45-j150
2.2
47
305
0.940,-37.499
14.84-j145
2.2
47
310
0.942,-37.579
14.28-j145
2.2
47
315
0.945, -37.66
13.48-j145
2.2
47
320
0.943,-38.237
13.58-j143
2
47
325
0.942, -38.814
13.43-j140
1.8
47
330
0.94, -39.39
13.5-j138
1.8
47
335
0.938, -39.967
13.59-j136
1.8
43
340
0.937, -40.544
13.44-j134
1.8
43
345
0.935, -41.12
13.51-j132
1.8
43
350
0.933, -41.697
13.57-j130
2
39
355
0.931, -42.274
13.62-j123
2.2
36
360
0.93, 42.85
13.48-j126
2.2
36
365
0.928, -43.427
13.52-j124
2
36
370
0.926, -44.004
13.57-j122
1.8
36
375
0.925, -44.581
13.42-j120
2.2
33
380
0.923, -45.157
13.46-j118
2
33
385
0.921, -45.734
13.49-j117
1.8
33
390
0.92, -46.311
13.35-j115
1.8
33
395
0.917, -46.729
13.6-j114
1.8
33
400
0.914, -47.148
13.89-j113
2
30
405
0.912, -47.566
14.00-j112
1.8
30
410
0.909, -47.985
14.25-j110
1.8
30
415
0.907, -48.403
14.34-j109
2.2
27
420
0.906, -48.797
14.28-j108
2
27
425
0.909, -49.152
13.63-j107
2
27
430
0.911, -49.507
13.15-j107
1.8
27
435
0.911, -49.925
12.94-j106
1.8
27
440
0.904, -50.571
13.66-j104
1.8
27
L2
C3
ANT Pin
Table 2
Shutdown Function
Duty-cycled operation of the MICRF010 (often referred to
as polling) is achieved by turning the MICRF010 on and off
via the SHUT pin. The shutdown function is controlled by a
logic state applied to the SHUT pin. When VSHUT is high,
the device goes into low-power standby mode. This pin is
pulled high internally, and it must be externally pulled low
to enable the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com