Electronic Components Datasheet Search
  English  ▼

X  

HMC837LP6CE Datasheet(PDF) 4 Page - Analog Devices

Part # HMC837LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC837LP6CE Datasheet(HTML) 4 Page - Analog Devices

  HMC837LP6CE Datasheet HTML 1Page - Analog Devices HMC837LP6CE Datasheet HTML 2Page - Analog Devices HMC837LP6CE Datasheet HTML 3Page - Analog Devices HMC837LP6CE Datasheet HTML 4Page - Analog Devices HMC837LP6CE Datasheet HTML 5Page - Analog Devices HMC837LP6CE Datasheet HTML 6Page - Analog Devices HMC837LP6CE Datasheet HTML 7Page - Analog Devices HMC837LP6CE Datasheet HTML 8Page - Analog Devices HMC837LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
7 - 4
7
HMC837LP6CE
v00.1210
FRACTIONAL-N PLL WITH INTEGRATED VCO
1025 - 1150, 2050 - 2300, 4100 - 4600 MHz
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Electrical Specifications (Continued)
Parameter
Condition
Min.
Typ.
Max.
Units
1 MHz Offset
-147
dBc/Hz
10 MHz Offset
-161
dBc/Hz
100 MHz Offset
-168
dBc/Hz
VCO Open Loop Phase Noise at fo
10 kHz Offset
-85
dBc/Hz
100 kHz Offset
-114
dBc/Hz
1 MHz Offset
-141
dBc/Hz
10 MHz Offset
-162
dBc/Hz
100 MHz Offset
-171
dBc/Hz
VCO Open Loop Phase Noise at 2fo
10 kHz Offset
-79
dBc/Hz
100 kHz Offset
-108
dBc/Hz
1 MHz Offset
-135
dBc/Hz
10 MHz Offset
-153
dBc/Hz
100 MHz Offset
-166
dBc/Hz
Closed Loop Phase Noise PLL + VCO at fvco with 93 KHz BW Loop Filter Design[3]
Integer, 100 MHz PD
1 kHz Offset
-113
dBc/Hz
Integer, 100 MHz PD
10 kHz Offset
-111
dBc/Hz
Integer, 100 MHz PD
100 kHz Offset
-112
dBc/Hz
Integer, 100 MHz PD
1 MHz Offset
-141
dBc/Hz
Integer, 100 MHz PD
10 MHz Offset
-162
dBc/Hz
Integer, 100 MHz PD
100 MHz Offset
-171
dBc/Hz
Integrated Phase Noise
from 10 KHz to 100MHz
-58.1
dBc
RMS Jitter
132.5
fsec
Fractional, 100 MHz PD
1 kHz Offset
-112
dBc/Hz
Fractional, 100 MHz PD
10 kHz Offset
-111
dBc/Hz
Fractional, 100 MHz PD
100 kHz Offset
-112
dBc/Hz
Fractional, 100 MHz PD
1 MHz Offset
-141
dBc/Hz
Fractional, 100 MHz PD
10 MHz Offset
-162
dBc/Hz
Fractional, 100 MHz PD
100 MHz Offset
-171
dBc/Hz
Integrated Phase Noise
from 10 KHz to 100MHz
-58.4
dBc
RMS Jitter
128.5
fsec
Closed Loop Phase Noise PLL + VCO at fvco with 176K Hz Loop Filter Design[4]
Integer, 100 MHz PD
1 kHz Offset
-115
dBc/Hz
Integer, 100 MHz PD
10 kHz Offset
-118
dBc/Hz
Integer, 100 MHz PD
100 kHz Offset
-114
dBc/Hz
Integer, 100 MHz PD
1 MHz Offset
-141
dBc/Hz
Integer, 100 MHz PD
10 MHz Offset
-162
dBc/Hz
Integer, 100 MHz PD
100 MHz Offset
-171
dBc/Hz
Integrated Phase Noise
from 10 KHz to 100MHz
-62
dBc
RMS Jitter
87.5
fsec
Fractional, 100 MHz PD
1 kHz Offset
-113
dBc/Hz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com