Electronic Components Datasheet Search
  English  ▼

X  

HMC837LP6CE Datasheet(PDF) 7 Page - Analog Devices

Part # HMC837LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC837LP6CE Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC837LP6CE Datasheet HTML 3Page - Analog Devices HMC837LP6CE Datasheet HTML 4Page - Analog Devices HMC837LP6CE Datasheet HTML 5Page - Analog Devices HMC837LP6CE Datasheet HTML 6Page - Analog Devices HMC837LP6CE Datasheet HTML 7Page - Analog Devices HMC837LP6CE Datasheet HTML 8Page - Analog Devices HMC837LP6CE Datasheet HTML 9Page - Analog Devices HMC837LP6CE Datasheet HTML 10Page - Analog Devices HMC837LP6CE Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 - 7
7
HMC837LP6CE
v00.1210
FRACTIONAL-N PLL WITH INTEGRATED VCO
1025 - 1150, 2050 - 2300, 4100 - 4600 MHz
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Free Running VCO Phase Noise
Over Temperature
Typical VCO Tuning Voltage After
Calibration
Closed Loop Integer Phase Noise
[1] RMS Jitter data are measured from 10KHz to 100MHz bandwidth.
-180
-160
-140
-120
-100
-80
-60
-40
-20
10
2
10
3
10
4
10
5
10
6
10
7
10
8
1095 MHz FF
2190 MHz FF
4380 MHz FF
OFFSET FREQUENCY (Hz)
-170
-160
-150
-140
-130
-120
-110
+27C
+85C
-40C
2050
2100
2150
2200
2250
2300
FREQUENCY (MHz)
1 MHz Offset
100 kHz Offset
10 MHz Offset
Typical Closed Loop Fractional Phase
Noise [1]
Typical Tuning Curves vs. Switch Position
Free Running Phase Noise
-180
-160
-140
-120
-100
50MHz PFD 78KHz BW 177 fsec
50MHz PFD 142KHz BW 106 fsec
100MHz PFD 93KHz BW 132 fsec
100MHz PFD 176KHz BW 87 fsec
10
3
10
4
10
5
10
6
10
7
10
8
OFFSET FREQUENCY (Hz)
-180
-160
-140
-120
-100
50MHz PFD 78KHz BW 171 fsec
50MHz PFD 142KHz BW 114 fsec
100MHz PFD 93KHz BW 128 fsec
100MHz PFD 176KHz BW 92 fsec
10
3
10
4
10
5
10
6
10
7
10
8
OFFSET FREQUENCY (Hz)
900
950
1000
1050
1100
0
1
2
3
4
5
TUNING VOLTAGE (V)
n0
n2
n4
n6
n8
n10
n12
n14
n16
n18
n20
n22
n24
n26
n31
fmax
fmin
fmax
n30
n28
0
1
2
3
4
5
VCO FREQUENCY
0
15
31
fmin
fmax
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com