Electronic Components Datasheet Search
  English  ▼

X  

HMC837LP6CE Datasheet(PDF) 5 Page - Analog Devices

Part # HMC837LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC837LP6CE Datasheet(HTML) 5 Page - Analog Devices

  HMC837LP6CE Datasheet HTML 1Page - Analog Devices HMC837LP6CE Datasheet HTML 2Page - Analog Devices HMC837LP6CE Datasheet HTML 3Page - Analog Devices HMC837LP6CE Datasheet HTML 4Page - Analog Devices HMC837LP6CE Datasheet HTML 5Page - Analog Devices HMC837LP6CE Datasheet HTML 6Page - Analog Devices HMC837LP6CE Datasheet HTML 7Page - Analog Devices HMC837LP6CE Datasheet HTML 8Page - Analog Devices HMC837LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
7 - 5
7
HMC837LP6CE
v00.1210
FRACTIONAL-N PLL WITH INTEGRATED VCO
1025 - 1150, 2050 - 2300, 4100 - 4600 MHz
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Parameter
Condition
Min.
Typ.
Max.
Units
Fractional, 100 MHz PD
10 kHz Offset
-117
dBc/Hz
Fractional, 100 MHz PD
100 kHz Offset
-114
dBc/Hz
Fractional, 100 MHz PD
1 MHz Offset
-139
dBc/Hz
Fractional, 100 MHz PD
10 MHz Offset
-161
dBc/Hz
Fractional, 100 MHz PD
100 MHz Offset
-171
dBc/Hz
Integrated Phase Noise
from 10 KHz to 100MHz
-61.2
dBc
RMS Jitter
92.5
fsec
Closed Loop Phase Noise PLL + VCO at fvco with 78 KHz BW Loop Filter Design[5]
Integer, 50 MHz PD
1 kHz Offset
-112
dBc/Hz
Integer, 50 MHz PD
10 kHz Offset
-108
dBc/Hz
Integer, 50 MHz PD
100 kHz Offset
-111
dBc/Hz
Integer, 50 MHz PD
1 MHz Offset
-141
dBc/Hz
Integer, 50 MHz PD
10 MHz Offset
-163
dBc/Hz
Integer, 50 MHz PD
100 MHz Offset
-171
dBc/Hz
Integrated Phase Noise
from 10 KHz to 100MHz
-55.6
dBc
RMS Jitter
177
fsec
Fractional, 50 MHz PD
1 kHz Offset
-110
dBc/Hz
Fractional, 50 MHz PD
10 kHz Offset
-108
dBc/Hz
Fractional, 50 MHz PD
100 kHz Offset
-110
dBc/Hz
Fractional, 50 MHz PD
1 MHz Offset
-141
dBc/Hz
Fractional, 50 MHz PD
10 MHz Offset
-163
dBc/Hz
Fractional, 50 MHz PD
100 MHz Offset
-171
dBc/Hz
Integrated Phase Noise
from 10 KHz to 100MHz
-55.8
dBc
RMS Jitter
171
fsec
Closed Loop Phase Noise PLL + VCO at fvco with 142 KHz Loop Filter Design[6]
Integer, 50 MHz PD
1 kHz Offset
-114
dBc/Hz
Integer, 50 MHz PD
10 kHz Offset
-112
dBc/Hz
Integer, 50 MHz PD
100 kHz Offset
-114
dBc/Hz
Integer, 50 MHz PD
1 MHz Offset
-141
dBc/Hz
Integer, 50 MHz PD
10 MHz Offset
-162
dBc/Hz
Integer, 50 MHz PD
100 MHz Offset
-171
dBc/Hz
Integrated Phase Noise
from 10 KHz to 100MHz
-60
dBc
RMS Jitter
106.8
fsec
Fractional, 50 MHz PD
1 kHz Offset
-111
dBc/Hz
Fractional, 50 MHz PD
10 kHz Offset
-112
dBc/Hz
Fractional, 50 MHz PD
100 kHz Offset
-113
dBc/Hz
Fractional, 50 MHz PD
1 MHz Offset
-135
dBc/Hz
Fractional, 50 MHz PD
10 MHz Offset
-154
dBc/Hz
Fractional, 50 MHz PD
100 MHz Offset
-171
dBc/Hz
Integrated Phase Noise
from 10 KHz to 100MHz
-59.4
dBc
RMS Jitter
114
fsec
Figure of Merit
Normalized 1 Hz
Floor Integer Mode
-230
dBc/Hz
Electrical Specifications (Continued)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com