Electronic Components Datasheet Search
  English  ▼

X  

HMC837LP6CE Datasheet(PDF) 9 Page - Analog Devices

Part # HMC837LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC837LP6CE Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC837LP6CE Datasheet HTML 4Page - Analog Devices HMC837LP6CE Datasheet HTML 5Page - Analog Devices HMC837LP6CE Datasheet HTML 6Page - Analog Devices HMC837LP6CE Datasheet HTML 7Page - Analog Devices HMC837LP6CE Datasheet HTML 8Page - Analog Devices HMC837LP6CE Datasheet HTML 9Page - Analog Devices HMC837LP6CE Datasheet HTML 10Page - Analog Devices HMC837LP6CE Datasheet HTML 11Page - Analog Devices HMC837LP6CE Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
7 - 9
7
HMC837LP6CE
v00.1210
FRACTIONAL-N PLL WITH INTEGRATED VCO
1025 - 1150, 2050 - 2300, 4100 - 4600 MHz
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Descriptions
Pin Number
Function
Description
1
AVDD
DC Power Supply for analog circuitry.
2, 5, 6, 8, 9,
11 - 14, 18 - 22, 24,
26, 34, 37, 38
N/C
The pins are not connected internally; however, all data shown herein
was measured with these pins connected to RF/DC ground externally.
3
VPPCP
Power Supply for charge pump analog section
4
CP
Charge Pump Output
7
VDDCP
Power Supply for the charge pump digital section
10
RVDD
Reference Supply
15
XREFP
Reference Oscillator Input
16
DVDD3V
DC Power Supply for Digital (CMOS) Circuitry
17
CEN
Chip Enable. Connect to logic high for normal operation.
23
VTUNE
VCO Varactor. Tuning Port Input.
25
VCC2
VCO Analog Supply 2
27
VCC1
VCO Analog Supply 1
28
RF_N [1]
RF Positive Output
29
RF_P [1]
RF Negative Output
30
SEN
PLL Serial Port Enable (CMOS) Logic Input
31
SDI
PLL Serial Port Data (CMOS) Logic Input
32
SCK
PLL Serial Port Clock (CMOS) Logic Input
33
LD_SDO
Lock Detect, or Serial Data, or General Purpose (CMOS) Logic Output (GPO)
35
VCCHF
DC Power Supply for Analog Circuitry
36
VCCPS
DC Power Supply for Analog Prescaler
39
VCCPD
DC Power Supply for Phase Detector
40
BIAS
External bypass decoupling for precision bias circuits.
Note: 1.920V ±20mV reference voltage (BIAS) is generated internally and cannot
drive an external load. Must be measured with 10GΩ meter such as Agilent 34410A,
normal 10MΩ DVM will read erroneously.
[1] For doubler mode of operation, pin 28 (RF_N) and pin 29 (RF_P) outputs must be shorted together.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com