Electronic Components Datasheet Search
  English  ▼

X  

FX16 Datasheet(PDF) 13 Page - Hirose Electric

Part # FX16
Description  0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX16 Datasheet(HTML) 13 Page - Hirose Electric

Back Button FX16 Datasheet HTML 9Page - Hirose Electric FX16 Datasheet HTML 10Page - Hirose Electric FX16 Datasheet HTML 11Page - Hirose Electric FX16 Datasheet HTML 12Page - Hirose Electric FX16 Datasheet HTML 13Page - Hirose Electric FX16 Datasheet HTML 14Page - Hirose Electric FX16 Datasheet HTML 15Page - Hirose Electric FX16 Datasheet HTML 16Page - Hirose Electric FX16 Datasheet HTML 17Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
FX16 Series●0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
Notes :
1 (
) shows a reference dimension.
2 Pulse heat batch soldering is recommended to affix the harness to the connector
3 To prevent any conductor deformation prior to harnessing, please use the cable material immediately after cutting
4 After confirming that the soldered state has no problems, departure from recommended values is permissible
5 Use of out-of-spec dimension cables may hinder the correct attachment to the connector. Additionally, use of excessive force
during cable connection may cause faults such as unsoldered areas and disconnects.
6 The protrusion of the external conductor from the metal bar should be minimized.
7 Apply a solder coat (pre-tinning) on the internal conductor.
8 Shows the position at which the connector should be connected and the cable inserted into the connector when the cable
has been stripped at the recommended length.
If cable is stripped at a different length, the amount of cable insertion will need to be changed as well.
Applicable wires
Micro coaxial cables
Applicable conductor size
(core structure)
Insulation diameter
36 AWG# (7pcs/0.05mm)
Ø0.3~Ø0.5mm
38 AWG# (7pcs/0.04mm)
40 AWG# (7pcs/0.03mm)
Selected cable material
AWG #36, 38, 40 micro axial cables
Metal bar
Jacket
External conductor
Dielectric
Internal conductor
A±0.
2
0.
6±0.
1
P=0.
5±0.
07
B±0.
15
3
6
Recommended micro coaxial cable dimensions
No. of Contacts (n) Applicable connectors
A
B
C
21
FX16-21P-0.5SD
13.1
10
4.55
FX16-21P-0.5SDL
4.3
31
FX16-31P-0.5SD
18.1
15
4.55
FX16-31P-0.5SDL
4.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com