Electronic Components Datasheet Search
  English  ▼

X  

FX16 Datasheet(PDF) 2 Page - Hirose Electric

Part # FX16
Description  0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX16 Datasheet(HTML) 2 Page - Hirose Electric

  FX16 Datasheet HTML 1Page - Hirose Electric FX16 Datasheet HTML 2Page - Hirose Electric FX16 Datasheet HTML 3Page - Hirose Electric FX16 Datasheet HTML 4Page - Hirose Electric FX16 Datasheet HTML 5Page - Hirose Electric FX16 Datasheet HTML 6Page - Hirose Electric FX16 Datasheet HTML 7Page - Hirose Electric FX16 Datasheet HTML 8Page - Hirose Electric FX16 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
FX16 Series●0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
Product Specifications
Ratings
Current Rating 0.5A
Voltage Rating AC60V
Operating Temperature Range :
-55 to 85℃ (Note 1) (Note 2) Operating Humidity Range : relative humidity of no more than 85% (Note 2) (Note 4)
Storage Temperature Range :
-10 to 60℃ (Note 3)
Operating Humidity Range : relative humidity of no more than 70% (Note 3) (Note 4)
Items
Specifications
Conditions
1.Contact resistance 80mø max (Note 5)
Measured at 1mA
2.Insulation
resistance
500Mø minimum
Measured at DC 100V
3.Withstand voltage
No flashover or breakdown
AC 200V is applied for 1 minute
4.Overall push-pull
force
Inserting force (0.5 × number of pos.) : no more than 1N
Extracting force (0.05 × number of pos.) : no less than 1N
Measured by using applicable connectors
5.Durability
Contact resistance : variation from the initial state : no
more than 20mø
50 mating cycles
6. Vibration
No electrical discontinuity of 1µ or greater
Frequency 10
- 55Hz, half amplitude 0.75mm,
2 hours for 3 axial directions
7.Shock
No electrical discontinuity of 1µ or greater
Accelerated velocity : 490m/s
2, for 11ms,
half-sine in 3 directions, 3 times for each of
the three directions (axes)
8. Humidity
resistance
Contact resistance : variation from the initial state : 20mø max
Insulation resistance : minimum of 500Mø
96 hours at 40
ç temperature and the
humidity range from 90 to 95%
9. Temperature
cycles
Contact resistance : variation from the initial state : 20mø max
Insulation resistance : 500Mø min
Temperature : -55
→ 5 to 35 → 85 → 5 to 35
ç
5 cycles of the testing time period of
30
→ 5 → 30 → 5 minutes
Note 1 : Includes temperature rise caused by current flow.
Note 2 : The operating temperature range when the operating humidity is above 80% shall be -55 to 40ç.
Note 3 : The term “storage” refers to the long-term storage condition of unused products before PCB mounting.
Note 4 : No condensation allowed.
Note 5 : The conductor resistance of connected cables is not included.
Materials / Finish
Receptacle
Part
Materials
Finish
Remarks
Insulator
FX16 : LCP resin
FX16M2 : Polyamide resin
Black color
UL94V-0
Contact
Copper alloy
Gold plating
----------------------
Shell
Copper alloy
Pure tin-plating
----------------------
Plug
Part
Materials
Finish
Remarks
Insulator
FX16-SD/SDL : Polyamide resin
FX16F-HC
: PC resin
FX16M2-HC
: PBT resin
FX16-SD/SDL : Beige color
FX16F-HC
: Black color
FX16M2-HC
: Black color
UL94V-0
Contact
(FX16-SD/SDL only)
Copper alloy
Contact interface area : gold plating
Termination area : pure tin-plating
----------------------
Shell
FX16-SD/SDL : Stainless steel
FX16F-HC
: Stainless steel
FX16M2-HC
: Copper alloy
FX16-SD/SDL : Nickel plating
FX16F-HC
: Nickel plating
FX16M2-HC
: Pure tin-plating
----------------------
Accessories
Part
Materials
Finish
Remarks
Cover shell
Stainless steel
----------------------
----------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com