Electronic Components Datasheet Search
  English  ▼

X  

FX16 Datasheet(PDF) 3 Page - Hirose Electric

Part # FX16
Description  0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX16 Datasheet(HTML) 3 Page - Hirose Electric

  FX16 Datasheet HTML 1Page - Hirose Electric FX16 Datasheet HTML 2Page - Hirose Electric FX16 Datasheet HTML 3Page - Hirose Electric FX16 Datasheet HTML 4Page - Hirose Electric FX16 Datasheet HTML 5Page - Hirose Electric FX16 Datasheet HTML 6Page - Hirose Electric FX16 Datasheet HTML 7Page - Hirose Electric FX16 Datasheet HTML 8Page - Hirose Electric FX16 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
FX16 Series●0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
Receptacle
FX 16 M2 - 51 S - 0.5 SH (**)
Plug
FX 16 M2 - 51 P - HC
Accessories (Cover shell)
FX 16 - 31 P - GND
Series Name
: FX
Series No.
: 16
Shape designation
None/F/M2 : Hirose control identification code
Number of positions
Contact type
S
: female contact
P
: male contact
Contact pitch
0.5
: 0.5mm pitch
None
: No contact
Product type
(Receptacle)
SH
: right-angle type
SV
: vertical type
Product type(Plug)
SD
: Right-angle batch cable assembly type
(Micro coaxial cable)
SDL
: Vertical batch cable assembly type
(Micro coaxial cable)
HC
: FFC holder type
Product type
(Accessories)
GND
: Right-angle type cover for micro coaxial cables
GNDL : Vertical type cover for micro coaxial cables
Packaging
None : embossed tape package (1,000pcs/reel)
(30)
: embossed tape package (100pcs/reel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com