Electronic Components Datasheet Search
  English  ▼

X  

FX16 Datasheet(PDF) 21 Page - Hirose Electric

Part # FX16
Description  0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX16 Datasheet(HTML) 21 Page - Hirose Electric

Back Button FX16 Datasheet HTML 16Page - Hirose Electric FX16 Datasheet HTML 17Page - Hirose Electric FX16 Datasheet HTML 18Page - Hirose Electric FX16 Datasheet HTML 19Page - Hirose Electric FX16 Datasheet HTML 20Page - Hirose Electric FX16 Datasheet HTML 21Page - Hirose Electric FX16 Datasheet HTML 22Page - Hirose Electric FX16 Datasheet HTML 23Page - Hirose Electric FX16 Datasheet HTML 24Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
FX16 Series●0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
General cautions
[Cautions for handling]
[1] Insertion into the connector on the side of PCB
The mating direction of this connector has been specified. Mating should be done with the mark facing the
direction shown in the figure below.
Additionally, insertion should be done until the locks on both sides are set.
Although this connector is designed to prevent reverse insertion, the connector could be damaged if it were
mated forcibly with a force exceeding 25 N. Avoid forced mating, and please verify the triangle mark position
before mating.
Do not pull it out at an angle as shown in the figure below. This could damage the connector.
[2] Unmating the connector mounted on a PCB
This connector is structured to lock on both ends when mated.
When unmating the connector, pull it out straight while pushing on both sides with your fingers to unlock it.
Please do not pull out FFC with a strong force.
  
Do not pull it out at an angle as shown in the figure below. This could damage the connector.
〈Incorrect insertion method〉
Precautions of use
PCB side: FX16M2-**S-0.5SH
Mating
When inserting it, do not touch the button of
the plug, and hold this face to insert it.
Pull-out
Pull-out
wPull it out straight.
ePull it out straight while pushing in the buttons.
① Push it.
① Push it.
Triangle
mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com