Electronic Components Datasheet Search
  English  ▼

X  

MS201AE Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # MS201AE
Description  This data sheet is applied to the magnetic switch MRMS201A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MS201AE Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  MS201AE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/10
Murata Manufacturing Co., LTD.
3-7
Taping specifications
3-7-1
Taping dimensions
Unit:mm
Parameter
Symbol
Size/
Angle
Parameter
Symbol
Size/
Angle
Pocket
Length
A
3.35±0.1
Dist. Between
center lines
L direction
G
2.0±0.05
Width
B
3.2±0.1
W direction
D
3.5±0.05
Depth
K0
1.4±0.1
Cover tape
Width
W
5.5
+0.3
-0
Pitch
F
4.0±0.1
Carrier tape
Width
C
8.0±0.1
Feed hole
Diameter
J
φ1.5+0.1
-0.05
Thickness
T
0.2±0.05
Pitch
H
4.0±0.1
Depth
K1
1.5±0.1
Position
E
1.75±0.1
Device
Tilt
θ
30°MAX
Overall thickness
K
1.55±0.1
3-7-2
Reel dimensions...EIAJ PRV08B compliant
Unit: mm
Item
Symbol
Dim/Angle
Diameter
A
φ178±2
Dis. between flanges
W
9±0.5
Diameter
B
φ60±1
Hub slit position
θ1
90°
Spindle hole diam.
C
φ13±0.5
Key slit position
θ2
120°
Marking
Labeled on one side of
flange
W
θ2
θ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com