Electronic Components Datasheet Search
  English  ▼

X  

MS201AE Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # MS201AE
Description  This data sheet is applied to the magnetic switch MRMS201A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MS201AE Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button MS201AE Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 11Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/10
Murata Manufacturing Co., LTD.
4. Mounting condition
4-1
Reflow condition, Hand soldering condition
4-2
Other
MSL(Moisture Sensitivity Level): equal to MSL1
本加熱
プリヒート
リフロー回数:3回以内
手はんだ条件:350±5℃、3秒以内/1端子
Times of reflow:3 or less
Hand soldering condition: 350+/-5oC, within 3 sec/each terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com