Electronic Components Datasheet Search
  English  ▼

X  

MS201AE Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # MS201AE
Description  This data sheet is applied to the magnetic switch MRMS201A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MS201AE Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  MS201AE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/10
Murata Manufacturing Co., LTD.
3-4
Timing Diagram
3-5
Electric Characteristics/ Absolute Maximum Rating (Ta=+25
oC Vcc=3.0V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
1
Supply voltage
Vcc
-
1.6
3.0
3.5
V
2
Absolute max. supply voltage
-
-
-
-
6.0
V
3
Current consumption
IAVE
Average
Vcc=3.0V
-
5
12
uA
4 Operating magnetic field
Hon
+25℃
-
-
2.5
mT
-40~+85
oC
-
-
3.0
Hoff
+25℃
0.5
-40~+85
oC
0.2
5
Hi level output
V0H
Iout=+2mA
2.7
-
-
V
6
Lo level output
VOL
Iout=-2mA
-
-
0.3
V
7
Operating temp. range
-
-
-40
-
+85
oC
8
Storage temp. range
-
-
-40
-
+125
oC
NOTE1)
Each specification is defined by testing above items individually.
NOTE2)
When shifting the sensor output from H to L, please make sure the magnetic field
applied to the sensor becomes higher than the above operating magnetic field (Hon)
through your designing.
NOTE3)
When shifting the sensor output from L to H, please make sure the magnetic field
applied to the sensor becomes lower than the above operating magnetic field (Hoff)
through your designing.
NOTE4)
Sensitivity selection of this product is performed at Vcc=3.0V. Operating magnetic field
can possibly change when applying the supply voltage other than 3.0V. Please consult
with us for technical assistance when you consider the supply voltage other than 3.0V, as
a special attention needs to be given in the design.
3-6
Packing information
Form of packing
Reel dimension
Pcs per reel
Tape & reel
φ180
3000pcs
[Typ:5mA(VCC=3.0V)]
Magnetic Field Applied
Magnetic Field Released
[Typ:2.5
μA(V
CC=3.0V)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com