Electronic Components Datasheet Search
  English  ▼

X  

MS201AE Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # MS201AE
Description  This data sheet is applied to the magnetic switch MRMS201A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MS201AE Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  MS201AE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. MS201AE Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/10
Murata Manufacturing Co., LTD.
3-7-3
Start/End of taping
3-7-4
Other notes
Continuously missing device shall not exceed 2 pcs.
Peeling strength of the cover tape: 0.1 to 0.7N.
Reel label A (example)
Trailer 160mm or more
Product containing part
Leader
Cover tape
Product containing part
Empty part:
100mm or more
Leader:
400mm or more
Reel label B (example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com