Electronic Components Datasheet Search
  English  ▼

X  

AV2722 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AV2722
Description  AUDIO CODEC WITH HEADPHONE DRIVER AND PROGRAMMABLE SAMPLE RATES
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2722 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AV2722 Datasheet HTML 17Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 18Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 19Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 20Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 21Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 22Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 23Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 24Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AV2722 (Preliminary)
21-29
January 22, 2004
ADDRESS 09, ADC PATH RIGHT CHANNEL GAIN AND MUTE CONTROL REGISTER (CREG9[7:0])
ADCMUTER: ADC right channel mute control.
0: do not mute the ADC right-channel (default).
1: mute the ADC right channel, SDO will shift out all zero data in the right channel.
ADCGAINR[4:0]: 5-bit ADC rightchannel input gain (volume) control. The default value of ADCGAINR[4:0] is binary
10010 which is corresponding to 0 dB.
ADDRESS 0A, ADC POWER DOWN CONTROL REGISTER (CREG10[7:0])
ADCLPWDN: ADC left channel power down.
0: do not shut down power of ADC left channel.
1: shut down power of ADC left channel (default)
ADCRPWDN: ADC right channel power down
0: do not shut down power of ADC right channel.
1: shut down power of ADC right channel (default).
PWDNMICBIAS: Microphone bias circuit power down.
0: do not shut down microphone bias circuit (default).
1: shut down power of microphone bias circuit.
ADDRESS 0B, ADC LEFT AND RIGHT MICROPHONE GAIN CONTROL REGISTER (CREG11[7:0])
USEADCL: use ADC microphone left channel.
0: ADC left channel microphone is not used (default).
1: ADC left channel microphone is used.
A[7:0]
CREG9[7:0]
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
Hex 09
ADCMUTER
reserved
ADCGAINR[4:0]
Default Value
0
0
0
1
001
0
A[7:0]
CREG10[7:0]
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
Hex 0A
Reserved
ADCLPWDN
ADCRPWDN
PWDNMICBIAS
Default Value
00000
1
10
A[7:0]
CREG11[7:0]
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
Hex 0B
Reserved
USEADCL
MICGAINL[1:0]
reserved
USEADCR
MICGAINR[1:0]
Default Value
0
00
0
0
0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com