Electronic Components Datasheet Search
  English  ▼

X  

AV2722 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AV2722
Description  AUDIO CODEC WITH HEADPHONE DRIVER AND PROGRAMMABLE SAMPLE RATES
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2722 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AV2722 Datasheet HTML 9Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 10Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 11Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 12Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 13Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 14Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 15Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 16Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AV2722 (Preliminary)
13-29
January 22, 2004
REGULAR OR USB AUDIO DATA
The AV2722 can be operated in regular (non-USB) or USB (Universal Serial Bus) modes. The usage of regular or
USB applications are programmed via the 3-wire or 2-wire serial command port. The selection of sampling rates for
regular or USB modes are controlled by CREG3[7:0]. Please refer to the section “Programmable Control Register
Assignment” below.
In regular audio application, the user selects an appropriate XCK clock which is generated by an off chip oscilla-
tor.The user then program the chip for desired ADC, DAC sampling frequencies. By default, the chip is set to oper-
ated at 48KHz sampling rate, 256fs for both the ADC and DAC, with XCK running at 12.288 MHz. The AV2722
supports sampling rates from 8KHz to 96 KHz for both ADC and DAC. For 192 KHz sampling rate, only the DAC
path is operational. The ADC path is “turned off”.
In USB system, the common USB clock frequency is 12 MHz. To use the AV2722 for USB application, XCK should
be running at 12 MHz.
PROGRAMMABLE CONTROL REGISTER ASSIGNMENT
The are 13 Programmable Registers in the AV2722. The function and address assignment of these registers are
described in the following table. All these programmable registers can be read back via the Serial Command Port.
Address
(7-bit hex)
Register
Default
Value (hex)
Register Function
0
VOLREG[7:0]
7F
Volume value for both left and right channel
1
CREG1[7:0]
00
De-emphasis control
2
CREG2[7:0]
00
DAC path serial input port control
3
CREG3[7:0]
00
DAC, ADC sampling frequency selection control
4
CREG4[7:0]
00
DAC and miscellaneous power down control
5
CREG5[7:0]
40
DAC headphone control
6
CREG6[7:0]
00
ADC path serial output port control
7
CREG7[7:0]
03
ADC high-pass filter control
8
CREG8[7:0]
12
ADC path left channel gain and mute control
9
CREG9[7:0]
12
ADC path right channel gain and mute control
A
CREG10[7:0]
06
ADC power down control
B
CREG11[7:0]
00
ADC path left and right microphone gain control
C
CREG12[7:0]
00
Chip software reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com