Electronic Components Datasheet Search
  English  ▼

X  

AV2722 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AV2722
Description  AUDIO CODEC WITH HEADPHONE DRIVER AND PROGRAMMABLE SAMPLE RATES
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2722 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AV2722 Datasheet HTML 1Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 2Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 3Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 4Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 5Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 6Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1-29
AVS Technology Inc.
4110 Clipper Ct., Fremont CA94538
Tel: (510) 353-0848
Fax: (510) 353-0856
January 22, 2004
FEATURES
• Complete DAC and ADC Audio CODEC with headphone
driver.
• Up to 96kHz input sampling frequencies for ADC/DAC
• Selectable DAC De-emphasis Filter.
• Selectable ADC High Pass Filter
• Programmable Audio Data Interface
• I2S, Normal, Left justified or DSP data for ADC/DAC
• 16,18, 20 and 24-bit input data resolution
• System clock: 64fs, 96fs,128fs, 192fs, 256fs or 384fs
• 250fs and 272fs system clock for USB application
• Master or Slave Clocking mode
• Regular audio or USB mode audio
• 2 or 3-wire software control interface selectable by external
pin.
• 2 channel microphone or line inputs
• Programmable power down features to conserve power
GENERAL
• 2.7-volt to 3.6-volt Power Supply range (TBD)
• 28-pin SSOP package
APPLICATIONS
• Low cost, CD-quality consumer audio equipment
• Portable MP3 Players and Recorders
ADVANCE PRODUCT INFORMATION.
AVS RESERVES THE RIGHT TO MODIFY THIS PRODUCT
WITHOUT NOTICE.
DESCRIPTION
The AV2722 is a mixed signal CMOS monolithic device which
is a low cost audio CODEC designed with a built-in
headphone driver. It supports regular audio or USB mode
audio and is therefore ideal for portable MP3 audio and
speech players and recorders. It can also be used for mini-
disk, CD-RW machines.
Stereo line audio inputs with programmable gain are provided
A microphone bias voltage output is also provided which
makes the AV2722 ideal for an electret type microphone.
For the multi-bit signal delta DAC, 64X oversampling digital
interpolation filter is used with programmable de-emphasis,
volume control, and sampling rate selection features. The
DAC supports I2S, Normal, Left justified or DSP data with 16,
18, 20 and 24-bit resolution. Sampling rates from 8KHz to 192
KHz are supported. At the DAC output, stereo headphone
drivers are built in for driving headphones.
For the multi-bit delta-sigma ADC, programmable gain
are provided at the input. state of the art decimation filter is
used to down-sample the received signal and finally a
selectable high pass filter is used to reduce un-wanted low
frequency noise. The digital audio serial output can be
programmed at various formats similar to the DAC input.
AVS Technology
AUDIO CODEC WITH HEADPHONE DRIVER
AND PROGRAMMABLE SAMPLE RATES
AV2722
AUDIO
SERIAL
PORT
MULTI-LEVEL
DELTA-SIGMA
MODULATOR
DAC
SDI
SFDA
SFAD
XCK VDD
VDDH
AOUTL
AV2722 BLOCK DIAGRAM
AUDIO
SERIAL
PORT
DECIMATION
DIGITAL
FILTER
MULTI-LEVEL
DELTA-SIGMA
MODULATOR
ADC
INPUT
OUTPUT
HIGH
PASS
FILTER
HOUTL
DAC
AOUTR
HOUTR
AINL
AINR
ADC
VCM
MICBIAS
HPVR
HPDET
SC
SDO
2 OR 3 WIRE SERIAL COMMAND PORT
SDA SCL
CSB
MODE
VDDA
VSS
VSSH
VSSA
VSSA
RS/
CLOCK GENERATOR
INTERPOLATION
DIGITAL
FILTER
LOW
PASS
FILTER
LOW
PASS
FILTER
HEADPHONE
DRIVER
HEADPHONE
DRIVER
VOLUME CONTROL
GAIN
CONTROL
GAIN
CONTROL


Similar Part No. - AV2722

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AV200 A-DATA-AV200 Datasheet
1Mb / 2P
Easy to create wireless hotspot
logo
Avic Technology
AV2001 AVICTEK-AV2001 Datasheet
627Kb / 3P
TO-92 Plastic-Encapsulate Transistors
AV2003 AVICTEK-AV2003 Datasheet
108Kb / 6P
LINEAR INTEGRATED CIRCUIT
logo
Infinite Electronics In...
AV200R L-COM-AV200R Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV200R L-COM-AV200R Datasheet
348Kb / 2P
ADDERLink AV200 Series
More results

Similar Description - AV2722

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8731 WOLFSON-WM8731 Datasheet
595Kb / 56P
Portable Internet Audion CODEC with Headphone Driver and Programmable Sample Rates
logo
Cirrus Logic
CS4202 CIRRUS-CS4202 Datasheet
1Mb / 68P
Audio Codec 97 with headphone Amplifier
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
Wolfson Microelectronic...
WM9710 WOLFSON-WM9710 Datasheet
310Kb / 32P
AC97 Audio CODEC and Mixer with Integrated Headphone Driver
WM8731 WOLFSON-WM8731_06 Datasheet
762Kb / 63P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731 WOLFSON-WM8731_09 Datasheet
814Kb / 64P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731SED WOLFSON-WM8731SED_13 Datasheet
786Kb / 65P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
logo
Maxim Integrated Produc...
MAX1300AEVKIT MAXIM-MAX1300AEVKIT Datasheet
1Mb / 26P
Various Sample Sizes and Sample Rates
Rev 0; 2/12
MAX11261SYS1 MAXIM-MAX11261SYS1 Datasheet
4Mb / 18P
Various Sample Sizes and Sample Rates
Rev 0; 3/18
MAX11166EVSYS MAXIM-MAX11166EVSYS Datasheet
1Mb / 17P
Various Sample Sizes and Sample Rates
Rev 0; 6/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com