Electronic Components Datasheet Search
  English  ▼

X  

AV2722 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AV2722
Description  AUDIO CODEC WITH HEADPHONE DRIVER AND PROGRAMMABLE SAMPLE RATES
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2722 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AV2722 Datasheet HTML 2Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 3Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 4Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 5Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 6Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 9Page - List of Unclassifed Manufacturers AV2722 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AV2722 (Preliminary)
6-29
January 22, 2004
SC
SFDA
SFAD
SDI
SDO
AV2722
AUDIO
DSP
PROCESSOR
AV2722 in Master Mode
SDI audio data setup time
SDI audio data hold time
tmSU
tmHD
SFDA (PIN 4) OR
SFAD (PIN 6)
SC (PIN 2)
SDI (pin 3)
SFDA/SFAD propagation delay from SC
tmSU
tmHD
tmsfd
10 ns
10 ns
10 ns
Audio Data Input Timing - MASTER MODE
tmsdod
SDO propagation delay from SC
(min)
(min)
(max)
10 ns
SDO (pin 5)
tmsdod
tmsfd
(max)
MASTER AND SLAVE MODE OPERATION - DIGITAL AUDIO INTERFACE
The AV2722 can be operated in either master or slave mode. By default, the chip is set to operate in “Slave” mode.
To configure the chip for “Master” mode operation, the programming bit MASTER (CREG6[7]) must be pro-
grammed to “1”. In master mode operation, AV2722 acts as a master which generates SC, SFAD, and SFDA. In
slave mode operation, AV2722 receives these signals from an audio DSP encoder/decoder source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com